Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV801ASTZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 41Page - Analog Devices ADAV801ASTZ Datasheet HTML 42Page - Analog Devices ADAV801ASTZ Datasheet HTML 43Page - Analog Devices ADAV801ASTZ Datasheet HTML 44Page - Analog Devices ADAV801ASTZ Datasheet HTML 45Page - Analog Devices ADAV801ASTZ Datasheet HTML 46Page - Analog Devices ADAV801ASTZ Datasheet HTML 47Page - Analog Devices ADAV801ASTZ Datasheet HTML 48Page - Analog Devices ADAV801ASTZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
ADAV801
Rev. A | Page 44 of 60
Receiver User Bit Buffer Indirect Address— Address 1010000 (0x50)
Table 81. Receiver User Bit Buffer Indirect Address Register Bit Map
7
6
5
4
3
2
1
0
RxUBADDR7
RxUBADDR6
RxUBADDR5
RxUBADDR4
RxUBADDR3
RxUBADDR2
RxUBADDR1
RxUBADDR0
Table 82. Receiver User Bit Buffer Indirect Address Register Bit Descriptions
Bit Name
Description
RxUBADDR[7:0]
Indirect address pointing to the address location in the receiver user bit buffer.
Receiver User Bit Buffer Data—Address 1010001 (0x51)
Table 83. Receiver User Bit Buffer Data Register Bit Map
7
6
5
4
3
2
1
0
RxUBDATA7
RxUBDATA6
RxUBDATA5
RxUBDATA4
RxUBDATA3
RxUBDATA2
RxUBDATA1
RxUBDATA0
Table 84. Receiver User Bit Buffer Data Register Bit Descriptions
Bit Name
Description
RxUBDATA[7:0]
A read from this register reads eight bits of user data from the receiver user bit buffer pointed to by RxUBADDR0[7:0].
This buffer can be written to when autobuffering of the user bits is enabled; otherwise, it is a read-only buffer.
Transmitter User Bit Buffer Indirect Address—Address 1010010 (0x52)
Table 85. Transmitter User Bit Buffer Indirect Address Register Bit Map
7
6
5
4
3
2
1
0
TxUBADDR7
TxUBADDR6
TxUBADDR5
TxUBADDR4
TxUBADDR3
TxUBADDR2
TxUBADDR1
TxUBADDR0
Table 86. Transmitter User Bit Buffer Indirect Address Register Bit Descriptions
Bit Name
Description
TxUBADDR[7:0]
Indirect address pointing to the address location in the transmitter user bit buffer.
Transmitter User Bit Buffer Data—Address 1010011 (0x53)
Table 87. Transmitter User Bit Buffer Data Register Bit Map
7
6
5
4
3
2
1
0
TxUBDATA7
TxUBDATA6
TxUBDATA5
TxUBDATA4
TxUBDATA3
TxUBDATA2
TxUBDATA1
TxUBDATA0
Table 88. Transmitter User Bit Buffer Data Register Bit Descriptions
Bit Name
Description
TxUBDATA[7:0]
A write to this register writes eight bits of user data to the transmit user bit buffer pointed to by TxUBADDR0[7:0].
When user bit autobuffering is enabled, this buffer is disabled.
Q Subcode CRCError Status—Address 1010100 (0x54)
Table 89. Q Subcode CRCError Status Register (Read-Only) Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
QCRCERROR
QSUB
Table 90. Q Subcode CRCError Status Register (Read-Only) Bit Descriptions
Bit Name
Description
QCRCERROR
This bit is set if the CRC check of the Q subcode fails. This bit remains high, but does not generate an interrupt. This
bit is cleared once the register is read.
QSUB
This bit is set if a Q subcode has been read into the Q subcode buffer (see Table 91).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com