Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV801ASTZ Datasheet(PDF) 57 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 57 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 53Page - Analog Devices ADAV801ASTZ Datasheet HTML 54Page - Analog Devices ADAV801ASTZ Datasheet HTML 55Page - Analog Devices ADAV801ASTZ Datasheet HTML 56Page - Analog Devices ADAV801ASTZ Datasheet HTML 57Page - Analog Devices ADAV801ASTZ Datasheet HTML 58Page - Analog Devices ADAV801ASTZ Datasheet HTML 59Page - Analog Devices ADAV801ASTZ Datasheet HTML 60Page - Analog Devices ADAV801ASTZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
ADAV801
Rev. A | Page 56 of 60
ALC Control Register 1—Address 1111011 (0x7B)
Table 140. ALC Control Register 1 Bit Map
7
6
5
4
3
2
1
0
FSSEL1
FSSEL0
GAINCNTR1
GAINCNTR0
RECMODE1
RECMODE0
LIMDET
ALCEN
Table 141. ALC Control Register 1 Bit Descriptions
Bit Name
Description
FSSEL[1:0]
These bits should equal the sample rate of the ADC.
00 = 96 kHz.
01 = 48 kHz.
10 = 32 kHz.
11 = Reserved.
GAINCNTR[1:0]
These bits determine the limit of the counter used in limited recovery mode.
00 = 3.
01 = 7.
10 = 15.
11 = 31.
RECMODE[1:0]
These bits determine which recovery mode is used by the ALC section.
00 = No recovery.
01 = Normal recovery.
10 = Limited recovery.
11 = Reserved.
LIMDET
These bits limit detect mode.
0 = ALC is used when either channel exceeds the set limit.
1 = ALC is used only when both channels exceed the set limit.
ALCEN
These bits enable ALC.
0 = Disable ALC.
1 = Enable ALC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com