Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV801ASTZ Datasheet(PDF) 56 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 56 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 52Page - Analog Devices ADAV801ASTZ Datasheet HTML 53Page - Analog Devices ADAV801ASTZ Datasheet HTML 54Page - Analog Devices ADAV801ASTZ Datasheet HTML 55Page - Analog Devices ADAV801ASTZ Datasheet HTML 56Page - Analog Devices ADAV801ASTZ Datasheet HTML 57Page - Analog Devices ADAV801ASTZ Datasheet HTML 58Page - Analog Devices ADAV801ASTZ Datasheet HTML 59Page - Analog Devices ADAV801ASTZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
ADAV801
Rev. A | Page 55 of 60
PLL Clock Source Register—Address 1111000 (0x78)
Table 136. PLL Clock Source Register Bit Map
7
6
5
4
3
2
1
0
PLL2_Source
PLL1_Source
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 137. PLL Clock Source Register Bit Descriptions
Bit Name
Description
PLL2_Source
Selects the clock source for PLL2.
0 = XIN.
1 = MCLKI.
PLL1_Source
Selects the clock source for PLL1.
0 = XIN.
1 = MCLKI
PLL Output Enable—Address 1111010 (0x7A)
Table 138. PLL Output Enable Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
DIRINPD
DIRIN_PIN
Reserved
SYSCLK1
SYSCLK2
SYSCLK3
Table 139. PLL Output Enable Register Bit Descriptions
Bit Name
Description
DIRINPD
This bit powers down the S/PDIF receiver.
0 = Normal.
1 = Power-down.
DIRIN_PIN
This bit determines the input levels of the DIRIN pin.
0 = DIRIN accepts input signals down to 200 mV according to AES3 requirements.
1 = DIRIN accepts input signals as defined in the Specifications section.
SYSCLK1
Enables the SYSCLK1 output.
0 = Enabled.
1 = Disabled.
SYSCLK2
Enables the SYSCLK2 output.
0 = Enabled.
1 = Disabled.
SYSCLK3
Enables the SYSCLK3 output.
0 = Enabled.
1 = Disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com