Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV802AT Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT49BV802AT
Description  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802AT Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT49BV802AT Datasheet HTML 7Page - ATMEL Corporation AT49BV802AT Datasheet HTML 8Page - ATMEL Corporation AT49BV802AT Datasheet HTML 9Page - ATMEL Corporation AT49BV802AT Datasheet HTML 10Page - ATMEL Corporation AT49BV802AT Datasheet HTML 11Page - ATMEL Corporation AT49BV802AT Datasheet HTML 12Page - ATMEL Corporation AT49BV802AT Datasheet HTML 13Page - ATMEL Corporation AT49BV802AT Datasheet HTML 14Page - ATMEL Corporation AT49BV802AT Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
AT49BV802A(T)
3405C–FLASH–9/04
Notes:
1.
The DATA FORMAT shown for each bus cycle is as follows; I/O7 - I/O0 (Hex). In word operation I/O15 - I/O8
are don’t care. The ADDRESS FORMAT shown for each bus cycle is as follows: A11 - A0 (Hex). Address A18 through A11 are don’t care in
the word mode. Address A18 through A11 and A-1 are don’t care in the byte mode.
2.
Since A11 is a Don’t Care, AAA can be replaced with 2AA.
3.
SA = sector address. Any byte/word address within a sector can be used to designate the sector address (see pages 13 - 14 for details).
4.
Once a sector is in the lockdown mode, data in the protected sector cannot be changed unless the chip is reset or power cycled.
5.
Either one of the Product ID Exit commands can be used.
6.
If data bit D1 is “0”, block B is locked. If data bit D1 is “1”, block B can be reprogrammed.
7.
The default state (after power-up) of the configuration register is “00”.
8.
Bytes of data other than F0 may be used to exit the Product ID mode. However, it is recommended that F0 be used.
Command Definition in Hex
(1)
Command
Sequence
Bus
Cycles
1st Bus
Cycle
2nd Bus
Cycle
3rd Bus
Cycle
4th Bus
Cycle
5th Bus
Cycle
6th Bus
Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read
1
Addr
D
OUT
Chip Erase
6
555
AA
AAA(2)
55
555
80
555
AA
AAA
55
555
10
Sector Erase
6
555
AA
AAA
55
555
80
555
AA
AAA
55
SA
(3)(4)
30
Byte/Word Program
4
555
AA
AAA
55
555
A0
Addr
D
IN
Enter Single Pulse
Program Mode
6
555
AA
AAA
55
555
80
555
AA
AAA
55
555
A0
Single Pulse
Byte/Word Program
1Addr
D
IN
Sector Lockdown
6
555
AA
AAA(2)
55
555
80
555
AA
AAA
55
SA(3)(4)
60
Erase/Program
Suspend
1
XXX
B0
Erase/Program
Resume
1
XXX
30
Product ID Entry
3
555
AA
AAA
55
555
90
Product ID Exit(5)
3
555
AA
AAA
55
555
F0(8)
Product ID Exit(5)
1
XXX
F0(8)
Program Protection
Register
4
555
AA
AAA
55
555
C0
Addr
D
IN
Lock Protection
Register - Block B
4
555
AA
AAA
55
555
C0
080
X0
Status of Block B
Protection
4
555
AA
AAA
55
555
90
80
D
OUT
(6)
Set Configuration
Register
4
555
AA
AAA
55
555
D0
XXX
00/01(7)
CFI Query
1
X55
98
Absolute Maximum Ratings*
Temperature under Bias ................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to V
CC + 0.6V
Voltage on V
PP
with Respect to Ground ...................................-0.6V to +13.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com