Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV802AT Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT49BV802AT
Description  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802AT Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT49BV802AT Datasheet HTML 19Page - ATMEL Corporation AT49BV802AT Datasheet HTML 20Page - ATMEL Corporation AT49BV802AT Datasheet HTML 21Page - ATMEL Corporation AT49BV802AT Datasheet HTML 22Page - ATMEL Corporation AT49BV802AT Datasheet HTML 23Page - ATMEL Corporation AT49BV802AT Datasheet HTML 24Page - ATMEL Corporation AT49BV802AT Datasheet HTML 25Page - ATMEL Corporation AT49BV802AT Datasheet HTML 26Page - ATMEL Corporation AT49BV802AT Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23
AT49BV802A(T)
3405C–FLASH–9/04
Table 1. Common Flash Interface Definition for AT49BV802A(T)
Address [x16 Mode]
Address [x8 Mode]
Data
Comments
10h
20h
0051h
“Q”
11h
22h
0052h
“R”
12h
24h
0059h
“Y”
13h
26h
0002h
14h
28h
0000h
15h
2Ah
0041h
16h
2Ch
0000h
17h
2Eh
0000h
18h
30h
0000h
19h
32h
0000h
1Ah
34h
0000h
1Bh
36h
0027h
V
CC min write/erase
1Ch
38h
0036h
VCC max write/erase
1Dh
3Ah
0000h
VPP min voltage – No VPP
1Eh
3Ch
0000h
VPP max voltage – No VPP
1Fh
3Eh
0004h
Typ word write – 12 µs
20h
40h
0000h
21h
42h
000Ah
Typ block erase: 1,000 ms
22h
44h
000Eh
Typ chip erase: 13,000 ms
23h
46h
0004h
Max word write/typ time
24h
48h
0000h
N/A
25h
4Ah
0002h
Max block erase/typ block erase
26h
4Ch
0002h
Max chip erase/typ chip erase
27h
4Eh
0014h
Device size
28h
50h
0002h
x8/x16 device
29h
52h
0000h
x8/x16 device
2Ah
54h
0000h
Multiple byte write not supported
2Bh
56h
0000h
Multiple byte write not supported
2Ch
58h
0002h
2 regions, X = 2
2Dh
5Ah
000Eh
64K bytes, Y = 14
2Eh
5Ch
0000h
64K bytes, Y = 14
2Fh
5Eh
0000h
64K bytes, Z = 256
30h
60h
0001h
64K bytes, Z = 256
31h
62h
0007h
8K bytes, Y = 7
32h
64h
0000h
8K bytes, Y = 7
33h
66h
0020h
8K bytes, Z = 32
34h
68h
0000h
8K bytes, Z = 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com