Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV802AT Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT49BV802AT
Description  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802AT Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT49BV802AT Datasheet HTML 13Page - ATMEL Corporation AT49BV802AT Datasheet HTML 14Page - ATMEL Corporation AT49BV802AT Datasheet HTML 15Page - ATMEL Corporation AT49BV802AT Datasheet HTML 16Page - ATMEL Corporation AT49BV802AT Datasheet HTML 17Page - ATMEL Corporation AT49BV802AT Datasheet HTML 18Page - ATMEL Corporation AT49BV802AT Datasheet HTML 19Page - ATMEL Corporation AT49BV802AT Datasheet HTML 20Page - ATMEL Corporation AT49BV802AT Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
17
AT49BV802A(T)
3405C–FLASH–9/04
AC Read Waveforms(1)(2)(3)(4)
Notes:
1. CE may be delayed up to t
ACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on t
ACC.
3. t
DF is specified from OE or CE, whichever occurs first (CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
AC Read Characteristics
Symbol
Parameter
AT49BV802A(T)-70
Units
Min
Max
tRC
Read Cycle Time
70
ns
t
ACC
Address to Output Delay
70
ns
t
CE
(1)
CE to Output Delay
70
ns
tOE
(2)
OE to Output Delay
0
20
ns
t
DF
(3)(4)
CE or OE to Output Float
0
25
ns
t
OH
Output Hold from OE, CE or Address,
whichever occurred first
0ns
t
RO
RESET to Output Delay
100
ns
OUTPUT
VALID
OUTPUT
HIGH Z
RESET
OE
tOE
tCE
ADDRESS VALID
tDF
tOH
tACC
tRO
CE
ADDRESS
tRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com