Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV802AT Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT49BV802AT
Description  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802AT Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT49BV802AT Datasheet HTML 11Page - ATMEL Corporation AT49BV802AT Datasheet HTML 12Page - ATMEL Corporation AT49BV802AT Datasheet HTML 13Page - ATMEL Corporation AT49BV802AT Datasheet HTML 14Page - ATMEL Corporation AT49BV802AT Datasheet HTML 15Page - ATMEL Corporation AT49BV802AT Datasheet HTML 16Page - ATMEL Corporation AT49BV802AT Datasheet HTML 17Page - ATMEL Corporation AT49BV802AT Datasheet HTML 18Page - ATMEL Corporation AT49BV802AT Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
15
AT49BV802A(T)
3405C–FLASH–9/04
Notes:
1. X can be V
IL or VIH.
2. Refer to AC programming waveforms on page 20.
3. VH = 12.0V ± 0.5V.
4. Manufacturer Code: 1FH (x8); 001FH (x16), Device Code: 00C1H - AT49BV802A;
00C3H - AT49BV802AT.
5. See details under “Software Product Identification Entry/Exit” on page 22.
DC and AC Operating Range
AT49BV802A(T)-70
Operating
Temperature (Case)
Ind.
-40°C - 85°C
V
CC Power Supply
2.65V to 3.6V
Operating Modes
Mode
CE
OE
WE
RESET
Ai
I/O
Read
V
IL
V
IL
V
IH
V
IH
Ai
D
OUT
Program/Erase
(2)
VIL
VIH
VIL
VIH
Ai
DIN
Standby/Program Inhibit
V
IH
X
(1)
XV
IH
X
High-Z
Program Inhibit
XX
V
IH
V
IH
XVIL
XVIH
Output Disable
X
V
IH
XV
IH
High-Z
Reset
XXX
V
IL
X
High-Z
Product Identification
Hardware
VIL
VIL
VIH
VIH
A1 - A18 = V
IL, A9 = VH
(3), A0 = V
IL
Manufacturer Code
(4)
A1 - A18 = V
IL, A9 = VH
(3), A0 = V
IH
Device Code(4)
Software(5)
V
IH
A0 = VIL, A1 - A18 = VIL
Manufacturer Code
(4)
A0 = V
IH, A1 - A18 = VIL
Device Code
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com