Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV802AT Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT49BV802AT
Description  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802AT Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT49BV802AT Datasheet HTML 20Page - ATMEL Corporation AT49BV802AT Datasheet HTML 21Page - ATMEL Corporation AT49BV802AT Datasheet HTML 22Page - ATMEL Corporation AT49BV802AT Datasheet HTML 23Page - ATMEL Corporation AT49BV802AT Datasheet HTML 24Page - ATMEL Corporation AT49BV802AT Datasheet HTML 25Page - ATMEL Corporation AT49BV802AT Datasheet HTML 26Page - ATMEL Corporation AT49BV802AT Datasheet HTML 27Page - ATMEL Corporation AT49BV802AT Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
24
AT49BV802A(T)
3405C–FLASH–9/04
Vendor Specific Extended Query
41h
82h
0050h
“P”
42h
84h
0052h
“R”
43h
86h
0049h
“I”
44h
88h
0031h
Major version number, ASCII
45h
8Ah
0030h
Minor version number, ASCII
46h
8Ch
0087h
Bit 0 – chip erase supported, 0 – no, 1 – yes
Bit 1 – erase suspend supported, 0 – no, 1 – yes
Bit 2 – program suspend supported, 0 – no, 1 – yes
Bit 3 – simultaneous operations supported,
0 – no, 1 – yes
Bit 4 – burst mode read supported, 0 – no, 1 – yes
Bit 5 – page mode read supported, 0 – no, 1 – yes
Bit 6 – queued erase supported, 0 – no, 1 – yes
Bit 7 – protection bits supported, 0 – no, 1 – yes
47h
8Eh
0000h (top) or
0001h (bottom)
Bit 8 – top (“0”) or bottom (“1”) boot block device undefined
bits are “0”
48h
90h
0000h
Bit 0 – 4-word linear burst with wrap around,
0 – no, 1 – yes
Bit 1 – 8-word linear burst with wrap around,
0 – no, 1 – yes
Bit 2 – continuos burst, 0 – no, 1 – yes
Undefined bits are “0”
49h
92h
0000h
Bit 0 – 4-word page, 0 – no, 1 – yes
Bit 1 – 8-word page, 0 – no, 1 – yes
Undefined bits are “0”
4Ah
94h
0080h
Location of protection register lock byte, the section’s first byte
4Bh
96h
0003h
# of bytes in the factory prog section
of prot register – 2*n
4Ch
98h
0003h
# of bytes in the user prog section of prot
register – 2*n
Table 1. Common Flash Interface Definition for AT49BV802A(T) (Continued)
Address [x16 Mode]
Address [x8 Mode]
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com