Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6673 Datasheet(PDF) 16 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD6673 Datasheet HTML 12Page - Analog Devices AD6673 Datasheet HTML 13Page - Analog Devices AD6673 Datasheet HTML 14Page - Analog Devices AD6673 Datasheet HTML 15Page - Analog Devices AD6673 Datasheet HTML 16Page - Analog Devices AD6673 Datasheet HTML 17Page - Analog Devices AD6673 Datasheet HTML 18Page - Analog Devices AD6673 Datasheet HTML 19Page - Analog Devices AD6673 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Data Sheet
AD6673
Rev. C | Page 15 of 45
–120
–100
–80
–60
–40
–20
0
–100
0
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
IMD (dBc)
SFDR (dBFS)
IMD (dBFS)
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 11. AD6673-250 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
0
0
50
100
fS: 250MSPS
fIN1: 89.12MHz AT –7dBFS
fIN2: 92.12MHz AT –7dBFS
SFDR: 85dBc
Figure 12. AD6673-250 Two-Tone FFT with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
0
0
50
100
fS: 250MSPS
fIN1: 184.12MHz AT –7dBFS
fIN2: 187.12MHz AT –7dBFS
SFDR: 84dBc
Figure 13. AD6673-250 Two-Tone FFT with fIN1 = 184.12 MHz,
fIN2 = 187.12 MHz
SAMPLE RATE (MSPS)
60
65
70
75
80
85
90
95
100
40
90
140
190
240
SFDR, CHANNEL A (dBFS)
SFDR, CHANNEL B (dBFS)
SNR, CHANNEL B (dBFS)
SNR, CHANNEL A (dBFS)
Figure 14. AD6673-250 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 90.1 MHz
0
200,000
400,000
600,000
800,000
1,000,000
1,200,000
1,400,000
1,600,000
1,800,000
2,000,000
OUTPUT CODE
2,097,124 TOTAL HITS
1779257
317867
N
N + 1
Figure 15. AD6673-250 Grounded Input Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com