Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6673 Datasheet(PDF) 32 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6673 Datasheet HTML 28Page - Analog Devices AD6673 Datasheet HTML 29Page - Analog Devices AD6673 Datasheet HTML 30Page - Analog Devices AD6673 Datasheet HTML 31Page - Analog Devices AD6673 Datasheet HTML 32Page - Analog Devices AD6673 Datasheet HTML 33Page - Analog Devices AD6673 Datasheet HTML 34Page - Analog Devices AD6673 Datasheet HTML 35Page - Analog Devices AD6673 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Data Sheet
AD6673
Rev. C | Page 31 of 45
8B/10B
ENCODER/
CHARACTER
REPLACEMENT
SERIALIZER
t
~SYNC
SYSREF
VINA+
(MSB)
(LSB)
VINA–
SERDOUT±
A PATH
ADC
TEST PATTERN
16-BIT
JESD204B
TEST PATTERN
8-BIT
ADC
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
C0
C1
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
S0
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
E0
E1
E2
E3
E4
E5
E6
E7
E10
E11
E12
E13
E14
E15
E16
E17
E8
E9
E18
E19
OPTIONAL
SCRAMBLER
1 + x14 + x15
JESD204B
TEST PATTERN
10-BIT
..
.
E0
E1
E2
E3
E4
E5
E6
E7
E8
E9
E19
Figure 50. AD6673 Digital Processing of JESD204B Lanes
Table 13. AD6673 JESD204B Typical Configurations
JESD204B
Configure
Setting
M (No. of Converters),
Register 0x71,
Bits[7:0]
L (No. of Lanes),
Register 0x6E,
Bit 0
F (Octets/Frame),
Register 0x6F,
Bits[7:0], Read Only
S (Samples/ADC/Frame),
Register 0x74, Bits[4:0],
Read Only
HD (High Density Mode),
Register 0x75, Bit 7,
Read Only
0x11
1
1
2
1
0
0x12
1
2
1
1
1
0x21
2
1
4
1
0
0x22 (Default)
2
2
2
1
0
DATA
FROM
ADC
FRAME
ASSEMBLER
(ADD TAIL BITS)
OPTIONAL
SCRAMBLER
1 + x14 + x15
8B/10B
ENCODER
TO
RECEIVER
Figure 51. AD6673 ADC Output Data Path
Table 14. AD6673 JESD204B Configuration Using Register 0x3A
Bit
Bit Name
Description
0
Enable internal
SYSREF± buffer
This bit controls the on-chip buffer for SYSREF±. By default, this bit is 0, which disables the buffer. If the
AD6673 is configured for JESD204B Subclass 1 operation, the SYSREF signal is required to align the JESD204B
link and this bit must be set to 1.
To avoid a false trigger as a result of transients that are caused when enabling the buffer (particularly for one-
shot SYSREF signal configuration), set this bit first and then, in a consecutive SPI register write, configure all
remaining bits in Register 0x3A to the desired JESD204B link configuration, including keeping this bit at 1.
A setting of 0 (default) gates the SYSREF signal so that the internal logic is not affected by an external SYSREF
signal. Set this bit to 0 when in Subclass 0, that is, when the SYSREF signal is not used.
If using Subclass 1 with one-shot SYSREF± mode, enable the buffer while the SYSREF signal is established;
however, it is recommended that the buffer be disabled during normal operation.
If using Subclass 1 with continuous SYSREF± mode, keep the buffer enabled for normal operation.
1
SYSREF± enable
This bit can be used to enable the circuitry that uses the SYSREF± input signal and must be on to enable
Subclass 1 operation. Set this bit to 1 when using JESD204B Subclass 1 operation.
This bit is self clearing after a valid SYSREF± occurs when the SYSREF± mode bit (Register 0x3A, Bit 2) is set to
1 (configured for one-shot SYSREF± operation).
The SYSREF signal is still used in some digital circuitry even if this bit is 0. To disable the SYSREF± signal
internally, Register 0x3A, Bit 0 must be set to 0.
2
SYSREF± mode
This bit is used in Subclass 1 operation to define one-shot or continuous SYSREF± mode. To configure
continuous (or gapped periodic) SYSREF± mode, this bit is set to 0. For one-shot operation, this bit is set to 1.
In one-shot mode, it is recommended that the SYSREF buffer be disabled after the SYSREF signal has
occurred by setting Register 0x3A[0] to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com