Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6673 Datasheet(PDF) 33 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD6673 Datasheet HTML 29Page - Analog Devices AD6673 Datasheet HTML 30Page - Analog Devices AD6673 Datasheet HTML 31Page - Analog Devices AD6673 Datasheet HTML 32Page - Analog Devices AD6673 Datasheet HTML 33Page - Analog Devices AD6673 Datasheet HTML 34Page - Analog Devices AD6673 Datasheet HTML 35Page - Analog Devices AD6673 Datasheet HTML 36Page - Analog Devices AD6673 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
AD6673
Data Sheet
Rev. C | Page 32 of 45
Bit
Bit Name
Description
3
Realign on SYSREF±;
for Subclass 1 only
When this bit is set to 1 and an active SYSREF signal occurs, the internal clock alignment for the JESD204B
timing is forced. Setting this bit is only recommended for one-shot mode and must be done only prior to
initially establishing a link. This bit resets the JESD204B link on the active SYSREF signal and requires
additional clock alignment register writes after realignment to properly set up the timing margin over
temperature. See the Synchronization section for the clock alignment procedure. For continuous SYSREF±
mode, this bit must be set to 0 during normal operation.
4
Realign on
SYNCINB±; for
Subclass 1 only
When this bit is set to 1 and an active SYNC occurs, the internal clock alignment for the JESD204B timing is
forced. An active SYNC requires an SYNCINB± input to be logic low for at least four consecutive LMFCs.
Table 15. AD6673 JESD204B Frame Alignment Monitoring and Correction Replacement Characters
Scrambling
Lane Synchronization
Character to be Replaced
Last Octet in
Multiframe
Replacement Character
Off
On
Last octet in frame repeated from previous frame
No
K28.7
Off
On
Last octet in frame repeated from previous frame
Yes
K28.3
Off
Off
Last octet in frame repeated from previous frame
Not applicable
K28.7
On
On
Last octet in frame equals D28.7
No
K28.7
On
On
Last octet in frame equals D28.3
Yes
K28.3
On
Off
Last octet in frame equals D28.7
Not applicable
K28.7
Frame and Lane Alignment Monitoring and Correction
Frame alignment monitoring and correction is part of the JESD204B
specification. The 11-bit word requires two octets to transmit all
the data. The two octets (MSB and LSB), where F = 2, make up
a frame. During normal operating conditions, frame alignment
is monitored via alignment characters, which are inserted under
certain conditions at the end of a frame. Table 15 summarizes the
conditions for character insertion along with the expected characters
under the various operation modes. If lane synchronization is
enabled, the replacement character value depends on whether
the octet is at the end of a frame or at the end of a multiframe.
Based on the operating mode, the receiver can ensure that it is
still synchronized to the frame boundary by correctly receiving
the replacement characters.
Digital Outputs and Timing
The AD6673 has differential digital outputs that power up by
default. The driver current is derived on-chip and sets the output
current at each output equal to a nominal 4 mA. Each output
presents a 100 Ω dynamic internal termination to reduce
unwanted reflections.
Place a 100 Ω differential termination resistor at each receiver
input to result in a nominal 300 mV peak-to-peak swing at
the receiver (see Figure 52). Alternatively, single-ended 50 Ω
termination can be used. When single-ended termination is
used, the termination voltage should be DRVDD/2; otherwise,
ac coupling capacitors can be used to terminate to any single-
ended voltage.
100Ω
OR
100Ω
DIFFERENTIAL
TRACE PAIR
SERDOUTx+
DRVDD
VRXCM
SERDOUTx–
VCM = Rx VCM
0.1µF
0.1µF
RECEIVER
OUTPUT SWING = VOD
(SEE TABLE 3)
Figure 52. AC-Coupled Digital Output Termination Example
The AD6673 digital outputs can interface with custom ASICs and
FPGA receivers, providing superior switching performance in
noisy environments. Single point-to-point network topologies are
recommended with a single differential 100 Ω termination resistor
placed as close to the receiver logic as possible. The common
mode of the digital output automatically biases itself to half the
supply of the receiver (that is, the common-mode voltage is 0.9 V
for a receiver supply of 1.8 V) if dc-coupled connecting is used
(see Figure 53). For receiver logic that is not within the bounds
of the DRVDD supply, use an ac-coupled connection. Simply
place a 0.1 µF capacitor on each output pin and derive a 100 Ω
differential termination close to the receiver side.
100Ω
100Ω
DIFFERENTIAL
TRACE PAIR
DRVDD
VCM = DRVDD/2
OUTPUT SWING = VOD
(SEE TABLE 3)
RECEIVER
SERDOUTx+
SERDOUTx–
Figure 53. DC-Coupled Digital Output Termination Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com