Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6673 Datasheet(PDF) 31 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD6673 Datasheet HTML 27Page - Analog Devices AD6673 Datasheet HTML 28Page - Analog Devices AD6673 Datasheet HTML 29Page - Analog Devices AD6673 Datasheet HTML 30Page - Analog Devices AD6673 Datasheet HTML 31Page - Analog Devices AD6673 Datasheet HTML 32Page - Analog Devices AD6673 Datasheet HTML 33Page - Analog Devices AD6673 Datasheet HTML 34Page - Analog Devices AD6673 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
AD6673
Data Sheet
Rev. C | Page 30 of 45
Verify FCHK, Checksum of JESD204B Interface Parameters
The JESD204B parameters can be verified through the checksum
value [FCHK] of the JESD204B interface parameters. Each lane has
an FCHK value associated with it. The FCHK value is transmitted
during the ILAS second multiframe and can be read from the
internal registers.
The checksum value is the modulo 256 sum of the parameters
listed in the No. column of Table 12. The checksum is calculated
by adding the parameter fields before they are packed into the
octets shown in Table 12.
The FCHK for the lane configuration for data coming out of
Lane 0 can be read from Register 0x78. Similarly, the FCHK for
the lane configuration for data coming out of Lane 1 can be read
from Register 0x79.
Table 12. JESD204B Configuration Table Used in ILAS and
CHKSUM Calculation
No.
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
0
DID[7:0]
1
BID[3:0]
2
LID[4:0]
3
SCR
L[4:0]
4
F[7:0]
5
K[4:0]
6
M[7:0]
7
CS[1:0]
N[4:0]
8
SUBCLASS[2:0]
N’[4:0]
9
JESDV[2:0]
S[4:0]
10
CF[4:0]
Additional Digital Output Configuration Options
Other data format controls include the following:
•
Invert the polarity of the serial output data: Register 0x60,
Bit 1.
•
ADC data format (offset binary, twos complement):
Register 0x14, Bits[1:0].
•
Options for interpreting SYSREF± and SYNCINB± signals in
Register 0x3A. See Table 14 for additional descriptions of
Register 0x3A controls.
•
Option to remap converter and lane assignments,
Register 0x82 and Register 0x83. See Figure 49 for a
simplified block diagram.
Reenable Lanes After Configuration
After modifying the JESD204B link parameters, enable the link
so that the synchronization process can begin. This is accomplished
by writing Logic 0 to Register 0x5F, Bit 0.
CONVERTER A
CONVERTER B
CONVERTER B
INPUT
CONVERTER A
INPUT
SYSREF
SYNCINB
CONVERTER B
SAMPLE
CONVERTER A
SAMPLE
AD6673 DUAL IF RECEIVER
LANE 0
LANE 1
SERDOUT0
SERDOUT1
LANE 1
LANE 0
A
A
B
B
PRIMARY CONVERTER
INPUT [0]
PRIMARY LANE
OUTPUT [0]
PRIMARY CONVERTER
INPUT [0]
PRIMARY LANE
OUTPUT [0]
JESD204B LANE CONTROL
(M = 1, 2; L = 1, 2)
LANE MUX
(SPI REGISTER
MAPPING: 0x82,0x83)
SECONDARY CONVERTER
INPUT [1]
SECONDARY LANE
OUTPUT [1]
SECONDARY CONVERTER
INPUT [1]
SECONDARY LANE
OUTPUT [1]
JESD204B LANE CONTROL
(M = 1, 2; L = 1, 2)
Figure 49. AD6673 Transmit Link Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com