Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT1339 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PCT1339
Description  Multi-Touch Capacitive Touch Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PCT1339 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PCT1339 Datasheet HTML 1Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 2Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 3Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 4Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 5Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 6Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 7Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 8Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
PixArt Imaging Inc.
PCT1339 General Datasheet
Multi-Touch Capacitive Touch Controller
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |11 Apr 2016
| 81001AEN
PCT1339 Multi-Touch Capacitive Touch Controller
General Description
PCT1339 is a low-power, 5-touch Cap-Touch controller to
provide a touchpad system with high report rate, high
accuracy, and low latency. The IC uses a mutual-
capacitance
measurement
technology
to
sense
capacitance changes and to detect multiple touch points
simultaneously.
Basing on mutual capacitance sensing technology,
PCT1339 is designed to meet the increasingly demanding
needs for multi-touch performance application. All the
touch detection, gesture interpretation and motion
tracking are handled by PCT1339. An Interrupt flag from
the touch controller signals the host to read the touch
reports. I2C is used for serial communication between the
PCT1339 and the host. A large set of registers facilitates
features and performance optimization. Additional user
enhancements or adjustments complement the system
performance objectives.
Key Features
Low power consumption
High CPI
Wide input power range
Flexible touch are size and shape
Interface: I2C/SPI
Embedded Flash
Good Water Immunity
Smart Auto-Calibration
Palm Rejection
Thick Cover support up to 1.8mm PC material
Gesture support
Open-short factory test support
Applications
Trackpad
Touch mouse
Touch keyboard
Remote Controller
Key Sensor Parameters
Parameter
Value
Channel Number
20x19~24x15
Touch area
1”~6”
Sensing Type
Mutual
Object Detection
5 Touches
Supply Voltage
1.8V +-10% or 2.3~3.6V
Power Consumption
6 mA @ 90fps
0.13 mA @ Sleep
13uA @ Shutdown mode
Sensitivity
4mm Stylus
Report Rate
Max 146Hz
Latency
< 15ms
CPI
300~2000
Flash
32KB
Operating Temperature (Tj) -20 to +70 °C
Ordering Information
Part Number
Package Type
PCT1339QN
7mmx7mm QFN56
For any additional inquiries, please contact us at
http://www.pixart.com/contact.asp


Similar Part No. - PCT1339

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PCT1336QN PIXART-PCT1336QN Datasheet
993Kb / 23P
Cap-Touch Controller
More results

Similar Description - PCT1339

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKT8100A EMC-EKT8100A Datasheet
963Kb / 37P
Capacitive Touch Pad Controller
logo
Diodes Incorporated
AP386X DIODES-AP386X Datasheet
649Kb / 16P
Superior Multi-touch Capacitive Touch Screen Controller
Rev 1
logo
BCD Semiconductor Manuf...
AUR3852 BCDSEMI-AUR3852 Datasheet
874Kb / 17P
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519 BCDSEMI-CS5519 Datasheet
372Kb / 17P
Enhanced Multi-touch Capacitive Touch Screen Controller
AP389X BCDSEMI-AP389X Datasheet
388Kb / 19P
Enhanced Multi-touch Capacitive Touch Screen Controller
logo
Shanghai awinic technol...
AW9203 AWINIC-AW9203 Datasheet
1Mb / 30P
3-Key Capacitive Touch Controller
logo
List of Unclassifed Man...
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
True Multi-Touch Capacitive Touch Panel Controller
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
Capacitive Touch Controller
V1.09 March 06,2013
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
Capacitive Touch Sensor Controller
Revised May. 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com