Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT1339 Datasheet(PDF) 17 Page - Pixart Imaging Inc.

Part # PCT1339
Description  Multi-Touch Capacitive Touch Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PCT1339 Datasheet(HTML) 17 Page - Pixart Imaging Inc.

Back Button PCT1339 Datasheet HTML 13Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 14Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 15Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 16Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 17Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 18Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 19Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 20Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 21Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
PixArt Imaging Inc.
PCT1339 Product Datasheet
Multi-Touch Capacitive Touch Controller
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |11 Apr 2016
Without using internal Regulator
For this case, user need to provide a power within 1.72V~2.0V to all power domain and the voltage ripple should be less
than 20mV. This is the power saving configuration but with weak noise immunity. This configuration is suitable for
wireless application.
IO_SEL/RXD
VDDIO
PCT1339
ROW6
ROW4
ROW3
ROW5
ROW7
VDDIO from Host
SEN9
SEN7
SEN15
SEN5
SEN8
SEN6
SEN4
COL19
COL18
COL17
COL2
COL1
SDA
NRST
T
o
u
c
h
a
d
ROW2
COL0
VDDA
ROW1
ROW0
COL3
COL4
COL5
37
36
35
34
32
31
30
33
8
7
6
5
4
3
2
1
VDD
TXD
IO_CLK
MISO_SDA
NCS_A0
INT
SCL
C5
0.1 uF
C1
1uF(Optional)
INT
R1
10k
SEN10
38
SEN11
39
40
SEN12
SEN13
42
COL16
COL15
COL14
COL13
COL12
NRST
9
CIN
CIP
10
11
12
VDDAIO
13
14
ROW8
ROW9
ROW10
ROW11
COL6
COL7
COL8
COL9
C3
1 uF
Test Point
C8
1uF
L for I2C
VDDCP
MOSI_A1
C7
0.22uF
COL10
COL11
29
SEN14
SEN16
41
ROW12
ROW13
ROW14
COL22
COL21
COL20
COL23
1.8V from Host
1.8V from Host
1.8V from Host
Figure 13. Reference Schematic without Using Internal Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com