Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT1339 Datasheet(PDF) 24 Page - Pixart Imaging Inc.

Part # PCT1339
Description  Multi-Touch Capacitive Touch Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PCT1339 Datasheet(HTML) 24 Page - Pixart Imaging Inc.

Back Button PCT1339 Datasheet HTML 17Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 18Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 19Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 20Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 21Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 22Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 23Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 24Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 25Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
24
PixArt Imaging Inc.
PCT1339 Product Datasheet
Multi-Touch Capacitive Touch Controller
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |11 Apr 2016
Address
Name
Bit
R/W
Description
0x31
Obj3_valid[0]
[6]
R
Valid value of object 3
0x32
Obj3_X[7:0]
[7:0]
R
X coordinate of object 3
0x33
Obj3_X[15:8]
[7:0]
R
0x34
Obj3_Y[7:0]
[7:0]
R
Y coordinate of object 3
0x35
Obj3_Y[15:8]
[7:0]
R
0x36
Obj3_size[7:0]
[7:0]
R
Size of object 3
0x37
Obj3_size[9:8]
[1:0]
R
0x38
Obj3_AOI[7:0]
[7:0]
R
Average intensity of object 3
0x39
Obj3_AOI[15:8]
[7:0]
R
0x41
Obj4_ID[2:0]
[2:0]
R
Tracking ID of object 4
0x41
Obj4_valid[0]
[6]
R
Valid value of object 4
0x42
Obj4_X[7:0]
[7:0]
R
X coordinate of object 4
0x43
Obj4_X[15:8]
[7:0]
R
0x44
Obj4_Y[7:0]
[7:0]
R
Y coordinate of object 4
0x45
Obj4_Y[15:8]
[7:0]
R
0x46
Obj4_size[7:0]
[7:0]
R
Size of object 4
0x47
Obj4_size[9:8]
[1:0]
R
0x48
Obj4_AOI[7:0]
[7:0]
R
Average intensity of object 4
0x49
Obj4_AOI[15:8]
[7:0]
R
0x7C
OBJ_Number
[7:0]
R
Touch point number
0x7D
gesture_type[4:0]
[4:0]
R
Gesture types report
(No gesture report in FW_V3.6)
0x5A
gesture_mx[7:0]
[7:0]
R
The meaning of this register is gesture type dependent.
gesture_type = 1:
Relative distance of x
gesture_type = 7,8,9:
The amount of mouse ticks
other gesture_type = :
N/A
(No gesture report in FW_V3.6)
0x5B
gesture_mx[15:8]
[7:0]
R
0x5C
gesture_my[7:0]
[7:0]
R
The meaning of this register is gesture type dependent.
gesture_type = 1:
Relative distance of Y
other gesture_type = :
N/A
(No gesture report in FW_V3.6)
0x5D
gesture_my[15:8]
[7:0]
R
0x72
Bank_Info
[7:0]
R
The register to note current register bank. If value of
Reg0x72 is 0x55, then it is in Bank5.
0x74
Product_ID
[7:0]
R
This is the register to show product ID (0x8B). The read
value is same as the value read in user register 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com