Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT1339 Datasheet(PDF) 22 Page - Pixart Imaging Inc.

Part # PCT1339
Description  Multi-Touch Capacitive Touch Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PCT1339 Datasheet(HTML) 22 Page - Pixart Imaging Inc.

Back Button PCT1339 Datasheet HTML 17Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 18Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 19Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 20Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 21Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 22Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 23Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 24Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 25Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22
PixArt Imaging Inc.
PCT1339 Product Datasheet
Multi-Touch Capacitive Touch Controller
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |11 Apr 2016
Add (Hex)
Name
BW
R/W
Default Value(*1)
Take effect only after Flash?
0xda
MOUSE_ACC_MIN_V
[7:0]
R/W
0x00
No
0xdb
MOUSE_ACC_MAX_V
[7:0]
R/W
0x00
No
0xdc
MOUSE_ACC_GAIN2
[7:0]
R/W
0x00
No
0xdd
EDGE_STRENGTH_EN
[7:0]
R/W
0x00
No
0xde
OBJAOI_LOWBOUND[15:8]
[7:0]
R/W
0x01
No
0xdf
OBJAOI_LOWBOUND[7:0]
[7:0]
R/W
0x90
No
0xe0
CENTER_VALUE_LOWBOUND
[15:8]
[7:0]
R/W
0x02
No
0xe1
CENTER_VALUE_LOWBOUND
[7:0]
[7:0]
R/W
0xee
No
0xe2
TOUCH_FORCE[15:8]
[7:0]
R/W
0x04
No
0xe3
TOUCH_FORCE[7:0]
[7:0]
R/W
0x08
No
0xe4
RELEASE_FORCE[15:8]
[7:0]
R/W
0x01
No
0xe5
RELEASE_FORCE[7:0]
[7:0]
R/W
0x90
No
0xe6
INTENSITY[15:8]
[7:0]
R/W
0x01
No
0xe7
INTENSITY[7:0]
[7:0]
R/W
0x2c
No
0xe8
OBJ_SIZE[15:8]
[7:0]
R/W
0x00
No
0xe9
OBJ_SIZE[7:0]
[7:0]
R/W
0x01
No
0xea
TOUCH_ID_ASSIGN
[7:0]
R/W
0x01
No
0xeb
REPORT_LATENCY
[7:0]
R/W
0x01
No
0xec
SMOOTH_FILTER1
[7:0]
R/W
0x18
No
0xed
SMOOTH_FILTER2
[7:0]
R/W
0x18
No
0xfd
DUP_DIST_UPBOUND[15:8]
[7:0]
R/W
0x0b
No
0xfe
DUP_DIST_UPBOUND[7:0]
[7:0]
R/W
0xb8
No
0xff
GESTURE_SWITCH
[7:0]
R/W
0x00
No
*1: The default register value is based on the case without any register programmed to flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com