Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT1339 Datasheet(PDF) 20 Page - Pixart Imaging Inc.

Part # PCT1339
Description  Multi-Touch Capacitive Touch Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PCT1339 Datasheet(HTML) 20 Page - Pixart Imaging Inc.

Back Button PCT1339 Datasheet HTML 16Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 17Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 18Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 19Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 20Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 21Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 22Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 23Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 24Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20
PixArt Imaging Inc.
PCT1339 Product Datasheet
Multi-Touch Capacitive Touch Controller
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |11 Apr 2016
Add (Hex)
Name
BW
R/W
Default Value(*1)
Take effect only after Flash?
0x49
COL9
[7:0]
R/W
0x09
No
0x4a
COL10
[7:0]
R/W
0x0a
No
0x4b
COL11
[7:0]
R/W
0x0b
No
0x4c
COL12
[7:0]
R/W
0x17
No
0x4d
COL13
[7:0]
R/W
0x16
No
0x4e
COL14
[7:0]
R/W
0x15
No
0x4f
COL15
[7:0]
R/W
0x14
No
0x50
COL16
[7:0]
R/W
0x13
No
0x51
COL17
[7:0]
R/W
0x12
No
0x52
COL18
[7:0]
R/W
0x11
No
0x53
COL19
[7:0]
R/W
0x10
No
0x54
COL20
[7:0]
R/W
0x0F
No
0x55
COL21
[7:0]
R/W
0x0E
No
0x56
COL22
[7:0]
R/W
0x0D
No
0x57
COL23
[7:0]
R/W
0x0C
No
0x58
ROW0
[7:0]
R/W
0x02
No
0x59
ROW1
[7:0]
R/W
0x03
No
0x5a
ROW2
[7:0]
R/W
0x04
No
0x5b
ROW3
[7:0]
R/W
0x05
No
0x5c
ROW4
[7:0]
R/W
0x06
No
0x5d
ROW5
[7:0]
R/W
0x07
No
0x5e
ROW6
[7:0]
R/W
0x08
No
0x5f
ROW7
[7:0]
R/W
0x09
No
0x60
ROW8
[7:0]
R/W
0x0a
No
0x61
ROW9
[7:0]
R/W
0x0b
No
0x62
ROW10
[7:0]
R/W
0x0c
No
0x63
ROW11
[7:0]
R/W
0x0d
No
0x64
ROW12
[7:0]
R/W
0x0e
No
0x65
ROW13
[7:0]
R/W
0x0f
No
0x66
ROW14
[7:0]
R/W
0x10
No
0x67
ROW15
[7:0]
R/W
0x11
No
0x68
ROW16
[7:0]
R/W
0x12
No
0x69
ROW17
[7:0]
R/W
0x00
No
0x6a
ROW18
[7:0]
R/W
0x01
No
0x6c
DRV_SEN_SELECT
[7:0]
R/W
0x04
No
0x81
PALM_TOTAL_CELLS_HI
[7:0]
R/W
0x01
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com