Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD652BQ Datasheet(PDF) 5 Page - Analog Devices

Part # AD652BQ
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652BQ Datasheet(HTML) 5 Page - Analog Devices

  AD652BQ Datasheet HTML 1Page - Analog Devices AD652BQ Datasheet HTML 2Page - Analog Devices AD652BQ Datasheet HTML 3Page - Analog Devices AD652BQ Datasheet HTML 4Page - Analog Devices AD652BQ Datasheet HTML 5Page - Analog Devices AD652BQ Datasheet HTML 6Page - Analog Devices AD652BQ Datasheet HTML 7Page - Analog Devices AD652BQ Datasheet HTML 8Page - Analog Devices AD652BQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD652
Rev. C | Page 4 of 28
AD652JP/AQ/SQ
AD652KP/BQ
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
COMPARATOR
Input Bias Current
0.5
5
0.5
5
µA
Common-Mode Voltage
−VS + 4
+ VS − 4
−VS + 4
+VS − 4
V
CLOCK INPUT
Maximum Frequency
4
5
4
5
MHz
Threshold Voltage (Referred to Pin 12)
1.2
1.2
V
TMIN to TMAX
0.8
2.0
0.8
2.0
V
Input Current
(−VS < VCLK < +VS)
5
20
5
20
µA
Voltage Range
−VS
+VS
−VS
+VS
V
Rise Time
2
2
µs
OUTPUT STAGE
VOL (IOUT = 10 mA)
0.4
0.4
V
IOL
VOL < 0.8 V
15
15
mA
VOL < 0.4 V, TMIN to TMAX
8
8
mA
IOH (Off Leakage)
0.01
10
0.01
10
µA
Delay Time, Positive Clock Edge to Output Pulse
150
200
250
150
200
250
ns
Fall Time (Load = 500 pF and ISINK = 5 mA)
100
100
ns
Output Capacitance
5
5
pF
OUTPUT ONE-SHOT
Pulse Width, tOS
COS = 300 pF
1
1.5
2
1
1.5
2
µs
COS = 1000 pF
4
5
6
4
5
6
µs
REFERENCE OUTPUT
Voltage
4.950
5.0
5.050
4.975
5.0
5.025
V
Drift
100
50
ppm/°C
Output Current
Source TMIN to TMAX
10
10
mA
Sink
100
500
100
500
µA
Power Supply Rejection
Supply Range = ±12.5 V to ±17.5 V
0.015
0.015
%/V
Output Impedance (Sourcing Current)
0.3
2
0.3
2
Ω
POWER SUPPLY
Rated Voltage
±15
±15
V
Operating Range
Dual Supply
±6
±15
±18
±6
±15
±18
V
Single Supply (−VS = 0)
+12
+36
+12
+36
V
Quiescent Current
±11
±15
±11
±15
mA
Digital Common
−VS
+VS − 4
–VS
+VS − 4
V
Analog Common
−VS
+VS
−VS
+VS
V
TEMPERATURE RANGE
Specified Performance
JP, KP Grade
0
+70
0
+70
°C
AQ, BQ Grade
−40
+85
−40
+85
°C
SQ Grade
−55
+125
°C
1 Referred to internal VREF. In PLCC package, tested on 10 V input range only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com