Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD652BQ Datasheet(PDF) 18 Page - Analog Devices

Part # AD652BQ
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652BQ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD652BQ Datasheet HTML 14Page - Analog Devices AD652BQ Datasheet HTML 15Page - Analog Devices AD652BQ Datasheet HTML 16Page - Analog Devices AD652BQ Datasheet HTML 17Page - Analog Devices AD652BQ Datasheet HTML 18Page - Analog Devices AD652BQ Datasheet HTML 19Page - Analog Devices AD652BQ Datasheet HTML 20Page - Analog Devices AD652BQ Datasheet HTML 21Page - Analog Devices AD652BQ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AD652
Rev. C | Page 17 of 28
+15V
1
2
3
4
5
6
7
200pF
–15V
8
16
15
14
13
12
11
10
9
ONE
SHOT
AND
"D"
FLOP
QCK
D
Q
1mA
20k
Ω
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
5V
REFERENCE
+5V
0.02
µF
–
+
V2
0V–10V
fOUT
fC
+15V
1
2
3
4
5
6
7
–15V
8
16
15
14
13
12
11
10
9
ONE
SHOT
AND
"D"
FLOP
QCK
D
Q
1mA
20k
Ω
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
5V
REFERENCE
400pF
VOUT
2k
Ω
+5V
1MHz
CLOCK
INPUT
4
3
OSC/DRIVER
A
B
74LS86
C
6
5
8
1
2
7
CT
200pF
C1
500pF
1k
Ω
RPU
2.87k
Ω
RT
1k
Ω
R3
1k
Ω
R2
2k
Ω
R1
8.06k
Ω
V1
0V–10V
+5V
AD654
Figure 23. Frequency Output Multiplier
FREQUENCY OUTPUT MULTIPLIER
The AD652 can serve as a frequency output multiplier when
used in conjunction with a standard voltage-to-frequency
converter. Figure 23 shows the low cost AD654 VFC being used
as the clock input to the AD652. Also shown is a second AD652
in the F/V mode. The AD654 is set up to produce an output
frequency of 0 kHz to 500 kHz for an input voltage (V1) range
of 0 V to 10 V. The use of R4, C1, and the XOR gate doubles this
output frequency from 0 kHz–500 kHz to 0 MHz–1 MHz.
This 1 MHz full-scale frequency is then used as the clock input
to the AD652 SVFC. Because the AD652 full-scale output
frequency is one-half the clock frequency, the 1 MHz FS clock
frequency establishes a 500 kHz maximum output frequency for
the AD652 when its input voltage (V2) is 10 V. The user there-
fore has an output frequency range from 0 kHz to 500 kHz,
which is proportional to the product of V1 and V2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com