Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD652BQ Datasheet(PDF) 11 Page - Analog Devices

Part # AD652BQ
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652BQ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD652BQ Datasheet HTML 7Page - Analog Devices AD652BQ Datasheet HTML 8Page - Analog Devices AD652BQ Datasheet HTML 9Page - Analog Devices AD652BQ Datasheet HTML 10Page - Analog Devices AD652BQ Datasheet HTML 11Page - Analog Devices AD652BQ Datasheet HTML 12Page - Analog Devices AD652BQ Datasheet HTML 13Page - Analog Devices AD652BQ Datasheet HTML 14Page - Analog Devices AD652BQ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD652
Rev. C | Page 10 of 28
+VS
1
2
3
4
5
6
7
–VS
8
16
15
14
13
12
11
10
9
ONE
SHOT
AND
"D"
FLOP
QCK
D
Q
1mA
20k
Ω
20k
Ω
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
5V
REFERENCE
RL
5V
CLOCK
COS
ANALOG
GND
DIGITAL
GND
FREQ
OUT
CINT
VIN
±5V
Figure 10. Bipolar Offset
SVFC CONNECTION FOR BIPOLAR INPUT VOLTAGES
A bipolar input voltage of ±5 V can be accommodated by
injecting a 250 µA current into Pin 5 (see Figure 10). A −5 V
signal provides a zero sum current at the integrator summing
junction, which results in a zero-output frequency; a +5 V signal
provides a 0.5 mA (full-scale) sum current, which results in the
full-scale output frequency.
Using an external resistor to inject the offset current has some
effect on the bipolar offset temperature coefficient. The ideal
transfer curve with bipolar inputs is shown in Figure 11. The
user actually has four options to use in injecting the bipolar
offset current into the inverting input of the op amp:
1.
Use an external resistor for ROS and the internal 20 kΩ
resistor for RIN (as shown in Figure 10).
2.
Use the internal 20 kΩ resistor as ROS and an external RIN.
3.
Use two external resistors.
4.
Use two internal resistors for RIN and ROS (available on
PLCC version only).
Option 4 provides the closest to the ideal transfer function as
diagrammed in Figure 11. Figure 12 shows the effects of the
transfer relation on the other three options. In the first case, the
slope of the transfer function is unchanged with temperature.
However, VZERO (the input voltage required to produce an output
frequency of 0 Hz) and FZERO (the output frequency when
VIN = 0 V) changes as the transfer function is displaced parallel
to the voltage axis with temperature. In the second case, FZERO
remains constant, but VZERO changes as the transfer function
rotates about FZERO with temperature changes. In the third case,
with two external resistors, the VZERO point remains invariant
while the slope and offset of the transfer function change with
temperature. If selecting this third option, the user should select
low drift, matched resistors.
VREF
VIN
ROS
RIN
IDEAL
TRANSFER
RELATION
VZERO
FOUT
FZERO
–5V
+5V
VIN
Figure 11. Ideal Bipolar Input Transfer Curve over Temperature
IDEAL
FOUT
FZERO
VIN
TEMPERATURE
PERTURBED
TRANSFER
VZERO
–5V
CASE 1
RIN ∼ INTERNAL
ROS ∼ EXTERNAL
IDEAL
FOUT
FZERO
VIN
TEMPERATURE
PERTURBED
VZERO
–5V
CASE 2
RIN ∼ EXTERNAL
ROS ∼ INTERNAL
IDEAL
FOUT
FZERO
VIN
TEMPERATURE
PERTURBED
VZERO
–5V
CASE 3
RIN ∼ EXTERNAL
ROS ∼ EXTERNAL
Figure 12. Actual Bipolar Input Transfer over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com