Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD652BQ Datasheet(PDF) 24 Page - Analog Devices

Part # AD652BQ
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652BQ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD652BQ Datasheet HTML 20Page - Analog Devices AD652BQ Datasheet HTML 21Page - Analog Devices AD652BQ Datasheet HTML 22Page - Analog Devices AD652BQ Datasheet HTML 23Page - Analog Devices AD652BQ Datasheet HTML 24Page - Analog Devices AD652BQ Datasheet HTML 25Page - Analog Devices AD652BQ Datasheet HTML 26Page - Analog Devices AD652BQ Datasheet HTML 27Page - Analog Devices AD652BQ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
AD652
Rev. C | Page 23 of 28
DELTA MODULATOR
The circuit of Figure 34 shows the AD652 configured as a delta
modulator. A reference voltage is applied to the input of the
integrator (Pin 7), which sets the steady state output frequency
at one-half of the AD652 full-scale frequency (1/4 of the clock
frequency). As a 0 V to 10 V input signal is applied to the
comparator (Pin 15), the output of the integrator attempts to
track this signal. For an input in an idling condition (dc), the
output frequency is one-half full scale. For positive-going
signals, the output frequency is between one-half full scale and
full scale; for negative-going signals, the output frequency is
between zero and one-half full scale. The output frequency
corresponds to the slope of the comparator input signal.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ONE
SHOT
AND
"D"
FLOP
QCK
D
Q
1mA
20k
Ω
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
5V
REFERENCE
+15V
360pF
0.0047
µF
–15V
CLOCK
VIN (0V TO 10V)
FOUT
+5V
0.01
µF
1k
Ω
Figure 34. Delta Modulator
Since the output frequency corresponds to the slope of the input
signal, the delta modulator acts as a differentiator. A delta
modulator is thus a direct way of finding the derivative of a
signal. This is useful in systems where, for example, a signal
corresponding to velocity exists, and it is desired to determine
acceleration.
Figure 35 is a scope photo showing a 20 kHz, 0 V to 10 V sine
wave used as the input to the comparator and its ramp-wise
approximation at the integrator output. The clock frequency
used as 2 MHz and the integrating capacitor was 360 pF.
Figure 36 shows the same input signal and its ramp-wise
approximation, along with the output frequency corresponding
to the derivative of the input signal. In this case, the clock
frequency was 50 kHz.
The choice of an integrating capacitor is primarily dictated by
the input signal bandwidth. Figure 37 shows this relationship.
Note that as the value of CINT is lowered, the ramp size of the
integrator approximation becomes larger. This can be
compensated for by increasing the clock frequency. The effect of
the clock frequency on the ramp size is demonstrated in
Figure 35 and Figure 36.
Figure 35. Delta Modulator Input Signal and Ramp-Wise Approximation
Figure 36. Delta Modulator Input Signal Ramp-Wise Approximation and
Output Frequency
100
1k
10k
100
1k
10k
INPUT SIGNAL BANDWIDTH (Hz)
Figure 37. Maximum Integrating Cap Value vs. Input Signal Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com