Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD652BQ Datasheet(PDF) 23 Page - Analog Devices

Part # AD652BQ
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652BQ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD652BQ Datasheet HTML 19Page - Analog Devices AD652BQ Datasheet HTML 20Page - Analog Devices AD652BQ Datasheet HTML 21Page - Analog Devices AD652BQ Datasheet HTML 22Page - Analog Devices AD652BQ Datasheet HTML 23Page - Analog Devices AD652BQ Datasheet HTML 24Page - Analog Devices AD652BQ Datasheet HTML 25Page - Analog Devices AD652BQ Datasheet HTML 26Page - Analog Devices AD652BQ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AD652
Rev. C | Page 22 of 28
ISOLATED FRONT END
In some applications, it may be necessary to have complete
galvanic isolation between the analog signals being measured
and the digital portions of the circuit. The circuit shown in
Figure 32 runs off a single 5 V power supply and provides a self-
contained, completely isolated analog measurement system. The
power for the AD652 SVFC is provided by a chopper and a
transformer, and is regulated to 15 V.
Both the chopper frequency and the AD652 clock frequency are
125 kHz, with the clock signal being relayed to the SVFC
through the transformer. The frequency output signal is relayed
through an opto-isolator and latched into a D flop. The chopper
frequency is generated from an AD654 VFC, and is frequency
divided by two to develop differential drive for the chopper
transistors, and to ensure an accurate 50% duty cycle. The pull-
up resistors on the D flop outputs provide a well-defined high
level voltage to the choppers to equalize the drive in each
direction. The 10 µH inductor in the 5 V lead of the transformer
primary is necessary to equalize any residual imbalance in the
drive on each half cycle, and thus prevent saturation of the core.
The capacitor across the primary resonates the system so that
under light loading conditions on the secondary, the wave shape
is sinusoidal and the clock frequency is relayed to the SVFC. To
adjust the chopper frequency, disconnect any load on the
secondary and tune the AD654 for a minimum in the supply
current drawn from the 5 V supply.
A-TO-D CONVERSION
In performing an A-to-D conversion, the output pulses of a
VFC are counted for a fixed-gate interval. To achieve maximum
performance with the AD652, the fixed-gate interval should be
generated using a multiple of the SVFC clock input. Counting
in this manner eliminates any errors due to the clock (whether
it be jitter, drift with time or temperature, and so on) since it is
the ratio of the clock and output frequencies that is being
measured.
The resolution of the A-to-D conversion measurement is
determined by the clock frequency and the gate time. If, for
instance, a resolution of 12 bits is desired and the clock
frequency is 1 MHz (resulting in an AD652 FS frequency of
500 kHz) the gate time is:
()
ms
192
.
8
sec
10
1
8192
4096
2
MHz
1
2
1
6
1
1
1
–
=
×
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
N
Freq
Clock
N
Freq
FS
Where N is the total number of codes for a given resolution.
Figure 33 shows the AD652 SVFC as an A-to-D converter in
block diagram form.
VIN
AD652
COUNTER
TO
µP
INPUT
GATE
fOUT
CLOCK
÷2N
Figure 33. Block Diagram of SVFC A-to-D Converter
To provide the ÷2N block, a single-chip counter such as the
4020B can be used. The 4020B is a 14-stage binary ripple
counter that has a clock and master reset for inputs, and
buffered outputs from the first stage and the last 11 stages. The
output of the first stage is fCLOCK ÷ 21 = fCLOCK/2, while the output
of the last stage is fCLOCK ÷ 214 = fCLOCK/16384. Therefore, using
this single chip counter as the ÷2N block, 13-bit resolution can
be achieved. Higher resolution can be achieved by cascading D-
type flip flops or another 4020B with the counter.
Table 4
shows the relationship between clock frequency and gate
time for various degrees of resolution. Note that if the variables
are chosen such that the gate times are multiples of 50 Hz,
60 Hz, or 400 Hz, normal mode rejection (NMR) of those line
frequencies occur.
Table 4.
Resolution
N
Clock
Conversion or Gate Time (ms)
Typical Linearity (%)
Comments
12 Bits
4096
81.92 kHz
100
0.002
50 Hz, 60 Hz,400 Hz NMR
12 Bits
4096
2 MHz
4.096
0.01
12 Bits
4096
4 MHz
2.048
0.02
4 Digits
10000
200 kHz
100
0.002
50 Hz, 60 Hz, 400 Hz NMR
14 Bits
16384
327.68 kHz
100
0.002
50 Hz, 60 Hz, 400 Hz NMR
14 Bits
16384
1.966 MHz
16.66
0.01
60 Hz NMR
14 Bits
16384
1.638 MHz
20
0.01
50 Hz NMR
4½ Digits
20000
400 kHz
100
0.002
50 Hz, 60 Hz, 400 Hz NMR
16 Bits
65536
655.36 kHz
200
0.002
50 Hz, 60 Hz, 400 Hz NMR
16 Bits
65536
4 MHz
32.77
0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com