| Electronic Components Datasheet Search |
|
AR0141CS Datasheet(PDF) 11 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0141CS Datasheet(HTML) 11 Page - ON Semiconductor |
|
11 / 48 page ![]() AR0141CS www.onsemi.com 11 Figure 9. HiSPi Transmitter and Receiver Interface Block Diagram A camera containing the HiSPi transmitter A host (DSP) containing the HiSPi receiver Dp0 Dn0 Dp1 Dn1 Dp2 Dn2 Dp3 Dn3 Cp0 Cn0 Tx PHY0 Rx PHY0 Dp0 Dn0 Dp1 Dn1 Dp2 Dn2 Dp3 Dn3 Cp0 Cn0 HiSPi Physical Layer The HiSPi physical layer has four data lanes and an associated clock lane. Depending on the sensor operating mode and data rate, it can be configured to use either 2, 3, or 4 lanes. The PHY will serialize a 12− to 20−bit data word and transmit each bit of data centered on a rising edge of the clock, the second on the following falling edge of clock. Figure 10 shows bit transmission. In this example, the word is transmitted in order of MSB to LSB. The receiver latches data at the rising and falling edge of the clock. Figure 10. Timing Diagram cp dn … … MSB LSB TxPost dp cn 1 UI TxPre DLL Timing Adjustment The AR0141CS includes a DLL to compensate for differences in group delay for each data lane. The DLL is connected to the clock lane and each data lane, which acts as a control master for the output delay buffers. Once the DLL has gained phase lock, each lane can be delayed in 1/8 unit interval (UI) steps. This additional delay allows the user to increase the setup or hold time at the receiver circuits and can be used to compensate for skew introduced in PCB design. Delay compensation may be set for clock and/or data lines in the hispi_timing register R0x31C0. If the DLL timing adjustment is not required, the data and clock lane delay settings should be set to a default code of 0x000 to reduce jitter, skew, and power dissipation. Figure 11. Block Diagram of DLL Timing Adjustments delay delay delay delay delay data _lane 0 data _lane 1 clock_lane 0 data _lane 2 data _lane 3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |