Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0141CS Datasheet(PDF) 14 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 14 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 10Page - ON Semiconductor AR0141CS Datasheet HTML 11Page - ON Semiconductor AR0141CS Datasheet HTML 12Page - ON Semiconductor AR0141CS Datasheet HTML 13Page - ON Semiconductor AR0141CS Datasheet HTML 14Page - ON Semiconductor AR0141CS Datasheet HTML 15Page - ON Semiconductor AR0141CS Datasheet HTML 16Page - ON Semiconductor AR0141CS Datasheet HTML 17Page - ON Semiconductor AR0141CS Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
AR0141CS
www.onsemi.com
14
Figure 17. The Row Integration Time is Greater Than the Frame Readout Time
Vertical Blanking
Read
Shutter
Vertical Blanking
TCOARSE = coarse_integration_time x TROW
TFRAME = frame_length_lines x TROW
20.7 ms = 930 rows x 22.2 μs/row
16.6 ms = 750rows x 22.2 μs/row
Image
Image
4.1 ms
Pointer
Pointer
Time
Extended Vertical Blanking
The minimum frame−time is defined by the number of
row periods per frame and the row period. The sensor
frame−time will increase if the coarse_integration_time is
set to a value equal to or greater than the frame_length_lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com