Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0141CS Datasheet(PDF) 18 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 14Page - ON Semiconductor AR0141CS Datasheet HTML 15Page - ON Semiconductor AR0141CS Datasheet HTML 16Page - ON Semiconductor AR0141CS Datasheet HTML 17Page - ON Semiconductor AR0141CS Datasheet HTML 18Page - ON Semiconductor AR0141CS Datasheet HTML 19Page - ON Semiconductor AR0141CS Datasheet HTML 20Page - ON Semiconductor AR0141CS Datasheet HTML 21Page - ON Semiconductor AR0141CS Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
AR0141CS
www.onsemi.com
18
Table 9. EXAMPLE PLL CONFIGURATIONS FOR THE SERIAL INTERFACE (continued)
Parameter
Units
2−lane
4−lane
Parameter
Units
12−bit
12−bit
CLK_PIX
74.25
37.125
Mpixel/s
CLK_OP
37.125
37.125
Mpixel/s
Pixel Rate
148.5
74.25
Mpixel/s
Stream/Standby Control
The sensor supports a soft standby mode. In this mode, the
external clock can be optionally disabled to further
minimize power consumption. If this is done, then the
“Power−Up Sequence” must be followed.
Soft Standby
Soft Standby is a low−power state that is controlled
through register R0x301A[2]. Depending on the value of
R0x301A[4], the sensor will go to Standby after completion
of the current frame readout. When the sensor comes back
from Soft Standby, previously written register settings are
still maintained. Soft Standby will not occur if the Trigger
pin is held high.
A specific sequence needs to be followed to enter and exit
from Soft Standby.
Entering Soft Standby:
1. Set R0x301A[12] = 1 if serial mode was used
2. Set R0x301A[2] = 0 and drive Trigger pin low
3. Turn off external clock to further minimize power
consumption
Exiting Soft Standby:
1. Enable external clock if it was turned off
2. Set R0x301A[2] = 1 or drive Trigger pin high
3. Set R0x301A[12] = 0 if serial mode is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com