Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX16CF950 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 39Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 40Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 41Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 42Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 43Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 44Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 45Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 46Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
Page 43
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
register, at which point an XON character is sent. The FCL
value of 0x00 is illegal.
For example if FCL and FCH contain 64 and 100
respectively, XOFF is transmitted when the receiver FIFO
contains 100 characters, and XON is transmitted when
sufficient characters are read from the receiver FIFO such
that there are 63 characters remaining.
CTS/RTS and DSR/DTR out-of-band flow control use the
same trigger levels as in-band flow control. When out-of-
band flow control is enabled, RTS# (or DTR#) line is de-
asserted when the receiver FIFO level reaches the upper
limit defined in the FCH and is re-asserted when the
receiver FIFO is drained below the lower limit defined in
FCL. When 950 trigger levels are enabled (ACR[5]=1), the
CTS# flow control functions as in 650 mode and is
configured by EFR[7]. However, when EFR[6] is set, RTS#
is automatically de-asserted when RFL reaches FCH and
re-asserted when RFL drops below FCL.
DSR# flow control is configured with ACR[2]. DTR# flow
control is configured with ACR[4:3].
6.11.7 Device Identification Registers
The identification registers is located at offsets 0x08 to 0x0B
of the ICR
The 950 offers four bytes of device identification. The
device ID registers may be read using offset values 0x08 to
0x0B of the Indexed Control Register. Registers ID1, ID2
and ID3 identify the device as an OX16C950 type and
return 0x16, 0xC9 and 0x50 respectively. The REV register
resides at offset 0x0B of ICR and identifies the revision of
950 core. This register returns 0x06 for the OXCF950.
6.11.8 Clock Select Register ‘CKS’
The CKS register is located at offset 0x03 of the ICR
This register is cleared to 0x00 after a hardware reset to
maintain compatibility with 16C550, but is unaffected by
software reset. This allows the user to select a clock
source and then reset the channel to work-around any
timing glitches.
CKS[1:0]: Receiver Clock Source Selector
logic [00] ⇒ The output of baud rate generator (internal
BDOUT#) is selected for the receiver clock.
logic [01] ⇒ The DSR# pin is selected for the receiver
clock.
logic [10] ⇒ The output of baud rate generator (internal
BDOUT#) is selected for the receiver clock.
logic [11] ⇒ The transmitter clock is selected for the
receiver. This allows RI# to be used for both
transmitter and receiver.
CKS[2]: Reserved
This bit is unused in the OXCF950 and should be written
with ‘0’.
CKS[3]: Receiver 1x clock mode selector
logic 0 ⇒
The receiver is in Nx clock mode as defined
in the TCR register. After a hardware reset
the receiver operates in 16x clock mode, i.e.
16C550 compatibility.
logic 1 ⇒
The receiver is in isochronous 1x clock
mode.
CKS[5:4]: Transmitter 1x clock or baud rate generator
output (BDOUT) on DTR# pin
logic [00] ⇒ The function of the DTR# pin is defined by
the setting of ACR[4:3].
logic [01] ⇒ The transmitter 1x clock (bit rate clock) is
asserted on the DTR# pin and the setting of
ACR[4:3] is ignored.
logic [10] ⇒ The output of baud rate generator (Nx clock)
is asserted on the DTR# pin and the setting
of ACR[4:3] is ignored.
logic [11] ⇒ Reserved.
CKS[6]: Transmitter clock source selector
logic 0 ⇒
The transmitter clock source is the output of
the baud rate generator (550 compatibility).
logic 1 ⇒
The transmitter uses an external clock
applied to the RI# pin.
CKS[7]: Transmitter 1x clock mode selector
logic 0 ⇒
The transmitter is in Nx clock mode as
defined in the TCR register. After a
hardware reset the transmitter operates in
16x clock mode, i.e. 16C550 compatibility.
logic 1 ⇒
The transmitter is in isochronous 1x clock
mode.
6.11.9 Nine-bit Mode Register ‘NMR’
The NMR register is located at offset 0x0D of the ICR
The 950 offers 9-bit data framing for industrial multi-drop
applications. 9-bit mode is enabled by setting bit 0 of the
Nine-bit Mode Register (NMR). In 9-bit mode the data
length setting in LCR[1:0] is ignored. Furthermore as parity
is permanently disabled, the setting of LCR[5:3] is also
ignored.
The receiver stores the 9th bit of the received data in
LSR[2] (where parity error is stored in normal mode). Note
that the 950 provides a 128-deep FIFO for LSR[3:1]. The
transmitter FIFO is 9-bit wide and 128 deep. The user



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com