Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX16CF950 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 43Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 44Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 45Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 46Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 47Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 48Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 49Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 50Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Page 47
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
Bits
Description
15:4
These bits should return 0xB12 to identify a valid program.
Once it reads this value from these bits it sets bit [TBD] in the
TBD register in the local register.
3
Reserved
2
1 = Zone 1 (CIS Configuration) data exists
0 = Zone 1 does not exist
1
1 = Zone 2 (Local Register Configuration) data exists
0 = Zone 2 does not exist
0
1 = Zone 3 (Function Access) data exists
0 = Zone 3 does not exist
Table 39: Zone 0 format
The programming data for each zone follows the
proceeding zone if it exists. For example a header value of
0xB127 indicates that all zones exist and they follow one
another, while 0XB123 indicates that only zone 2 and zone
3 exist.
7.3
Zone1 :Card Information Structure
This zone allows the user to provide custom tuple
information for the Card Information Structure (CIS),
overriding the default hard-coded tuple values found in the
device. Downloading into this zone programs the internal
RAM with the user’s tuple data and automatically sets the
source of the CIS to be this RAM, and not the hard coded
value.
Note: if the CIS is to be modified using the EEPROM,
tuple values presented to the host will be those
programmed into the RAM. The user must ensure that
the RAM contains all the correct tuples for the
particular application.
Tuple data bytes are interrogated until the specified
number of type data-bytes have been collected in which
case the EEPROM moves over to the next zone if it exists,
or the EEPROM download terminates if no other zones are
present.
The zone contains two areas to download to:
•
Attribute memory (RAM address (0 to 127)
•
Common memory (RAM address (128 to 255)
The first WORD in this zone describes how many bytes of
data are present in each zone. The next words contain the
tuple data. The first set of WORDS contain the tuples for
the common memory (if present) followed by the tuple
WORDS for the attribute memory.
Description
Byte Number
15
8 7
0
1st WORD
Number of tuple bytes in Common Memory (N)
Note : Must be a value of multiple of 2
Number of tuple bytes in Attribute Memory (M)
Note : Must be a value of multiple of 2
2nd WORD
Attribute Mem.Tuple Byte 1
Attribute Mem.Tuple Byte 0
3rd WORD
Attribute Mem.Tuple Byte 3
Attribute Mem.Tuple Byte 2
(N + 1) th WORD
Attribute Mem.Tuple Byte N-1
Attribute Mem.Tuple Byte N-2
(N + 2) th WORD
Common Mem. Tuple Byte 1
Common Mem. Tuple Byte 0
(N + 3) th WORD
Common Mem. Tuple Byte 3
Common Mem. Tuple Byte 2
(N + M + 1) th WORD Common Mem. Tuple Byte M-1
Common Mem. Tuple Byte M-2
Table 40: Word format for Zone 1
7.4
Zone 2 : Local Register Configuration
The Zone2 region of EEPROM contains the program value of the vendor-specific Local Configuration Registers using one or
more configuration WORDs. Registers are selected using a 7-bit byte-offset field. This offset value is the offset from address 8
(allowing addresses 0 to 7 to be reserved for function access).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com