Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX16CF950 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 12Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 13Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 14Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 15Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 16Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 17Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 18Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 19Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
Page 16
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
5.5.1
Configuration Options Register ‘COR’ (offset 0xF8)
The configuration options register is used to configure PCMCIA/CF cards that have programmable address decoders. Once the
card’s client driver has successfully parsed the CIS, it will attempt to obtain system resources, as requested by the CIS. On
completion of this it assigns the resources to the card via the COR. The COR format and description is given in Table 14.
D7
D6
D5
D4
D3
D2
D1
D0
SRESET
LevIREQ
Function Configuration Index
Field
Type
Description
SRESET
R/W
Software reset
Setting this field to ‘1’ places the card in the reset state. This is equivalent to
setting the RESET signal (on pin) except this SRESET field is not reset.
Returning this field to ‘0’ leaves the card in the same un-configured, reset state
as the card would be following a power-up and hard reset.
LevIREQ1
R/W
Level Mode IREQ#
Setting this field to ‘1’ enables level type interrupts
Setting this field to ‘0’ enables pulse type interrupts
Function Configuration Index
R/W
Configuration Index
The host sets this field to the value of the Configuration Entry Number field of a
Configuration Table Entry tuple as defined in the CIS. On setting the non-zero
value in this field the function IO is enabled and IO accesses are allowed. When
the field is set to zero (e.g. after a hard reset) the card will be configured to
memory only mode and all IO accesses will be ignored by the card.
Table 14: Configuration Option Register
Note 1
The default tuples in the CIS tell the host that only level type interrupts are supported to allow lowest power consumption. The
OXCF950 supports both level and pulse type interrupts, and if a particular manufacturer requires to use pulse type, or both, then
the CIS can be modified using the external EEPROM.
5.5.2
Configuration Status Register ‘CSR’ (Offset 0xFA)
The Configuration and Status Register is an optional register, supported by the OXCF950. The register allows additional control
over a function’s configuration and reports status related to the function’s configuration.
D7
D6
D5
D4
D3
D2
D1
D0
Changed
SigChg
IOIs8
RFU
Audio
PwrDwn
Intr
IntrAck
Field
Type
Description
Changed
R
If a PCMCIA/CF card is using the I/O interface, the function’s Pin Replacement
register is present and one or more of the state change signals in the Pin
Replacement Register are set to one(1), or one Event bits in the Extended Status
Register are set (1) and the corresponding Enable bit is set (1), the function shall
set this field to one (1).
If a PCMCIA/CF card is not using the I/O interface or the function’s Pin
Replacement register is not present, this field is undefined and should be
ignored.
SigChg1
R/W
This field serves as a gate for STSCHG#
If a PCMCIA/CF card is using the I/O interface and both the Changed and
SigChg fields are set to one (1), the function shall assert STSCHG#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com