Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX16CF950 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 10Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 11Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 12Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 13Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 14Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 15Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 16Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 17Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
Page 14
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
Interrupt Status and Control register ‘ISR’ (Offset 0x0C)
This register controls the assertion of interrupts from the User I/O pins (MIO[1:0]) as well as returning the internal status of the
interrupt sources.
Read/Write
Bits
Description
EEPROM
PCMCIA
Reset
7:5
Reserved
-
R
000
4
UART Interrupt status
This bit reflects the state of the internal UART interrupt
-
R
0
3
MIO[1] interrupt mask
When set to ‘1’ allows pin MIO[1] to assert an interrupt on the devices
IREQ# pin. The state of the MIO[1] signal that causes an interrupt is
dependent upon the polarity set by the register fields MIC[3:2].
W
R/W
0
2
MIO[0] interrupt mask
When set to ‘1’ allows pin MIO[0] to assert an interrupt on the devices
IREQ# pin. The state of the MIO[0] signal that causes an interrupt is
dependent upon the polarity set by the register fields MIC[1:0].
W
R/W
0
1
MIO1 Internal state
This bit reflects the state of the internal MIO[1]. The internal MIO[1] signal
reflects the non-inverted or inverted state of MIO[1] pin
-
R
X
0
MIO0 Internal state
This bit reflects the state of the internal MIO[0]. The internal MIO[0] signal
reflects the non-inverted or inverted state of MIO[0] pin
-
R
X
Table 10: Interrupt Status Register
Soft UART/Local Bus reset register ‘SRT’ (Offset 0x0D)
This register controls the soft reset passed to the UART and local bus reset. These reset lines are in addition to the soft reset
that may be produced by the host (bit[7] of the COR register in attribute memory space). Note that the local bus reset is used in
Local Bus mode only and not in Normal mode. Note these bits are not self-clearing.
Read/Write
Bits
Description
EEPROM
PCMCIA
Reset
7:2
Reserved
-
R
000000
1
Active high soft reset for UART
W
R/W
0
0
Active high soft reset for Local Bus
W
R/W
0
Table 11: Soft UART / Local Bus Reset (LB reset used in Local Bus Mode only)
5.4
CF / PCMCIA Interrupt
5.4.1
Interrupt Generation
PCMCIA/CF cards support pulse or level type interrupt signals to request interrupt service from the host system. The CIS of the
card specifies whether pulse, level or both types of interrupt can be generated. Once the host has read the CIS it is able to set
the LevlReq field in the Configuration Options Register (COR) to tell the card which type of interrupts should be generated.
The OXCF950 is capable of generating either type of interrupt. However, to reduce power consumption, the default CIS states
that only level type interrupts can be generated. A custom CIS can be constructed that specifies the card has the ability to
generate pulse type interrupts, if this is required, by using an external EEPROM.
The OXCF950 uses a programmable clock divider circuit to generate pulse type interrupts signals. The pulse that is generated is
one clock cycle (after division) in length. The divider circuit can be programmed by setting the contents of the Interrupt Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com