| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RF2938 Datasheet
# Example questions:
➢ What type of output is provided by pins 14 and 15, and what does the documentation suggest is needed to properly terminate them?
➢ Several pins are labeled 'nc'. what does 'nc' signify, and what is the recommended action regarding these pins?
➢ What is the recommended approach for matching the impedance at the if lo input (pin 11) and why?
Okay, here's a summary of the provided text, focusing on the key information. This document appears to be a datasheet or application note for an RF Integrated Circuit (IC), likely for a transceiver application.
Key Highlights:
️· Device Type: Likely a transceiver IC designed for RF communication, integrating baseband processing, modulation/demodulation, and RF front-end functions. It's suitable for applications requiring both transmit and receive capability.
️· Frequency Range: The document doesn't explicitly state the frequency range, but the mention of "RF OUT", "RF LO", "IF" (Intermediate Frequency) and the related components suggests operation in a frequency range suitable for short-range wireless communication (e.g., ISM bands like 433MHz, 915MHz, 2.4GHz, or similar).
️· Key Features/Functions:
- Transmitter: Includes a power amplifier (PA), upconverter, modulator (I/Q), and transmit baseband processing. Offers control via "TXI DATA", "TXQ DATA", and "TXI/Q BP" (bypass) pins. Uses an open collector PA output requiring external biasing and matching.
- Receiver: Includes a demodulator, downconverter, and receive baseband processing.
- Baseband Processing: Offers both analog (I/Q outputs) and digital (RXI DATA, RXQ DATA) baseband signal access.
- Modulation/Demodulation: Supports I/Q (Quadrature) modulation and demodulation.
- IF (Intermediate Frequency): Utilizes an IF stage for improved performance and selectivity.
️· Pinout and Connections: A detailed pinout table is provided, including descriptions of each pin’s function (power, ground, signal input/output, control).
️· Power Supply: The IC requires multiple voltage supplies (VCC4, VCC5, VCC6, VCC8) to power different functional blocks.
️· Matching and Biasing: Many of the RF pins (RF OUT, PA IN, etc.) require external matching networks and/or biasing to achieve optimal performance.
️· Signal Integrity: Recommendations for signal conditioning and filtering are provided (e.g., use of bypass capacitors, RF chokes).
In essence, this document is a technical guide for engineers designing systems using this particular RF IC. It provides information necessary for proper integration, circuit design, and system optimization.
To provide a *more* specific summary, it would be helpful to know:
* **The IC's part number:** This would allow for a search for a complete datasheet with all specifications.
* **The intended application:** Knowing the application (e.g., wireless sensor network, remote control, etc.) would help highlight the most relevant features.
Key Highlights:
️· Device Type: Likely a transceiver IC designed for RF communication, integrating baseband processing, modulation/demodulation, and RF front-end functions. It's suitable for applications requiring both transmit and receive capability.
️· Frequency Range: The document doesn't explicitly state the frequency range, but the mention of "RF OUT", "RF LO", "IF" (Intermediate Frequency) and the related components suggests operation in a frequency range suitable for short-range wireless communication (e.g., ISM bands like 433MHz, 915MHz, 2.4GHz, or similar).
️· Key Features/Functions:
- Transmitter: Includes a power amplifier (PA), upconverter, modulator (I/Q), and transmit baseband processing. Offers control via "TXI DATA", "TXQ DATA", and "TXI/Q BP" (bypass) pins. Uses an open collector PA output requiring external biasing and matching.
- Receiver: Includes a demodulator, downconverter, and receive baseband processing.
- Baseband Processing: Offers both analog (I/Q outputs) and digital (RXI DATA, RXQ DATA) baseband signal access.
- Modulation/Demodulation: Supports I/Q (Quadrature) modulation and demodulation.
- IF (Intermediate Frequency): Utilizes an IF stage for improved performance and selectivity.
️· Pinout and Connections: A detailed pinout table is provided, including descriptions of each pin’s function (power, ground, signal input/output, control).
️· Power Supply: The IC requires multiple voltage supplies (VCC4, VCC5, VCC6, VCC8) to power different functional blocks.
️· Matching and Biasing: Many of the RF pins (RF OUT, PA IN, etc.) require external matching networks and/or biasing to achieve optimal performance.
️· Signal Integrity: Recommendations for signal conditioning and filtering are provided (e.g., use of bypass capacitors, RF chokes).
In essence, this document is a technical guide for engineers designing systems using this particular RF IC. It provides information necessary for proper integration, circuit design, and system optimization.
| Part No. | RF2938 |
| Manufacturer | RFMD |
| Size | 528 Kbytes |
| Pages | 20 pages |
| Description | 2.4GHZ SPREAD-SPECTRUM TRANSCEIVER |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |