Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2938 Datasheet(PDF) 15 Page - RF Micro Devices

Part # RF2938
Description  2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2938 Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RF2938 Datasheet HTML 11Page - RF Micro Devices RF2938 Datasheet HTML 12Page - RF Micro Devices RF2938 Datasheet HTML 13Page - RF Micro Devices RF2938 Datasheet HTML 14Page - RF Micro Devices RF2938 Datasheet HTML 15Page - RF Micro Devices RF2938 Datasheet HTML 16Page - RF Micro Devices RF2938 Datasheet HTML 17Page - RF Micro Devices RF2938 Datasheet HTML 18Page - RF Micro Devices RF2938 Datasheet HTML 19Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
2-15
RF2938
Rev A8 010418
11
VIN versus POUT
(VCC=2.7V to 3.6V, I & Q in=1MHz, RBW=10kΩ
Ω
Ω
Ω, IF LO=560MHz@-10dBm)
-17.0
-16.0
-15.0
-14.0
-13.0
-12.0
-11.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
100.0
200.0
300.0
400.0
500.0
600.0
700.0
800.0
VIN (mVP-P)
Pout, -40°C
Pout, 25°C
Pout, 85°C
VIN versus Amplitude Error
(VCC=2.7V to 3.6V, I & Q in=1MHz, RBW=10kΩ
Ω
Ω
Ω, IF LO=560MHz@-10dBm)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0
100
200
300
400
500
600
700
800
VIN (mVP-P)
Ampl Err, -40°C
Ampl Err, 25°C
Ampl Err, 85°C
TX IF POUT versus IF LO
(VCC=3.15V, I & Q in=1MHz@100mVP-P,RBW=10k
Ω
Ω
Ω
Ω, IF LO=560MHz)
-16.4
-16.2
-16.0
-15.8
-15.6
-15.4
-15.2
-15.0
-14.8
-14.6
-14.4
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
IF LO (dBm)
Pout, -40°C
Pout, 25°C
Pout, 85°C
LO & 2LO Out versus IF LO
(VCC=3.15V, IF LO=560MHz)
-62.0
-60.0
-58.0
-56.0
-54.0
-52.0
-50.0
-48.0
-46.0
-44.0
-42.0
-40.0
-38.0
-36.0
-34.0
-32.0
-30.0
-28.0
-26.0
-24.0
-22.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
IF LO (dBm)
LO_out, -40°C
2LO_out, -40°C
LO_out, 25°C
2LO_out, 25°C
LO_out, 85°C
2LO_out, 85°C
RF Conversion Gain versus RF LO Level
(VCC=3.15V, Tx IF in=280MHz@-50dBm, RF LO=2160MHz)
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
-20.0 -18.0 -16.0 -14.0 -12.0 -10.0 -8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
RF LO (dBm)
25C Gain
85C Gain
-40C Gain
RF LOOUT &RF 2LOOUT versus RF LO Level (VCC=3.15V,
VGC=1.5V, Tx IF in=280MHz@-50dBm, RF LO=2160MHz, 2LOOUT=4320MHz)
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
-20.0 -18.0 -16.0 -14.0 -12.0 -10.0 -8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
RF LO (dBm)
25C LOout
85C LOout
-40C LOout
25C 2LOout
85C 2LOout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com