Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2938 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2938
Description  2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2938 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2938 Datasheet HTML 1Page - RF Micro Devices RF2938 Datasheet HTML 2Page - RF Micro Devices RF2938 Datasheet HTML 3Page - RF Micro Devices RF2938 Datasheet HTML 4Page - RF Micro Devices RF2938 Datasheet HTML 5Page - RF Micro Devices RF2938 Datasheet HTML 6Page - RF Micro Devices RF2938 Datasheet HTML 7Page - RF Micro Devices RF2938 Datasheet HTML 8Page - RF Micro Devices RF2938 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2-3
RF2938
Rev A8 010418
11
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Data Amplifiers
Bandwidth
40
MHz
Gain (Limiting mode)
60
dB
Open Loop.
Rise and Fall Time
2
5
ns
5pF load.
Logic High Output
VCC-0.3V
VCC
V
Source Current 1mA
Logic Low Output
0.3
V
Sink Current 1mA.
Hysteresis
30
mV
Transmit Modulator and
LPF
Filter Gain
0
dB
Any setting
Baseband Filter 3dB Bandwidth
1
35
MHz
5th order Bessel LPF, Set by BW CTRL
Passband Ripple
0.1
dB
Group Delay
15
ns
At 35MHz, increasing as bandwidth
decreases.
Group Delay
400
ns
At 2MHz.
Ultimate Rejection
> 80
dB
Input Impedance
3
k
Single ended
Input AC Voltage
200
mVp-p
Linear, Single ended.
Input DC Offset Requirement
1.6
1.7
1.8
V
For correct operation.
IF Frequency Range
45
500
MHz
Output Impedance
2
k
Open Collector when TX on, hi-Z when off
I/Q Phase Balance
±2
±5
I/Q Gain Balance
0.5±0.25
1.0
dB
Conversion Voltage Gain
1.1
V/V
With Current Combination into 50
Ω single-
ended load
Output P1dB
-6
dBm
With Current Combination into 50
Ω single-
ended load
Carrier Output
-30
dBm
Without external offset adjustments.
280MHz
Harmonic Outputs
-30
dBc
Transmit VGA and
Upconverter
VGA Gain Range
17
dB
VGA Input Voltage Range
1.0 to 2.0
V
Positive Slope
VGA Gain Sensitivity
17
dB/V
VGA Input Impedance
230-j400
280MHz
75-j350
374MHz
RF Mixer Output Impedance
50
With matching elements.
VGA/Mixer Conversion Gain
+10 to +27
dB
With 50
Ω match on the output.
VGA/Mixer Output Power
-9
dBm
1dB compression - Single Side Band,
TX GC= 1.0V
VGA/Mixer Output Power
-4
dBm
1dB compression - Single Side Band,
TX GC= 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com