Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2938 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2938
Description  2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2938 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2938 Datasheet HTML 1Page - RF Micro Devices RF2938 Datasheet HTML 2Page - RF Micro Devices RF2938 Datasheet HTML 3Page - RF Micro Devices RF2938 Datasheet HTML 4Page - RF Micro Devices RF2938 Datasheet HTML 5Page - RF Micro Devices RF2938 Datasheet HTML 6Page - RF Micro Devices RF2938 Datasheet HTML 7Page - RF Micro Devices RF2938 Datasheet HTML 8Page - RF Micro Devices RF2938 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2-1
11
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
48
45
46
47
44
43
42
41
40
39
38
37
13
16
15
14
17
18
19
20
21
22
23
24
TX IF IN
RX IF IN
VCC1
TX EN
RX EN
PD
NC
NC
VCC9
TX VGC
IF LO
VCC8
NC
NC
RXQ DATA
QOUT
RXI DATA
IOUT
VCC4
TXQ DATA
TXQ BP
TXI DATA
TXI BP
IF1 OUT+
Σ
I
Q
I
Q
TX_EN
RX_EN
RX
TX
+45°
-45°
Β2
RF2938
2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
•Wireless LANs
• Wireless Local Loop
• Secure Communication Links
• Inventory Tracking
• Wireless Security
• Digital Cordless Telephones
The RF2938 is a monolithic integrated circuit specifically
designed for direct-sequence spread-spectrum systems
operating in the 2.4GHz ISM band. The part includes a
direct conversion from IF receiver, quadrature demodula-
tor, I/Q baseband amplifiers with gain control and RSSI,
on-chip programmable baseband filters, dual data com-
parators. For the transmit side, a QPSK modulator and
upconverter
are provided. The design reuses the IF
SAW filter for transmit and receive reducing the number
of SAW filters required. Two cell or regulated three cell
(3.6V maximum) battery applications are supported by
thepart. Thepartisalsodesignedtobe partofa2.4GHz
chip set consisting of the RF2444 LNA/Mixer and one of
the many RFMD high efficiency GaAs HBT PA’s and a
dual frequency synthesizer.
• 45MHz to 500MHz IF Quad Demod
• On-Chip Variable Baseband Filters
• Quadrature Modulator and Upconverter
• 2.7V to 3.6V Operation
• Part of 2.4GHz Radio Chipset
• 2.4GHz PA Driver
RF2938TR13
2.4GHz Spread-Spectrum Transceiver (Tape & Reel)
RF2938 PCBA
Fully Assembled Evaluation Board
2
Rev A8 010418
Dimensions in mm
9.00
+0.10
9.00
+0.20
0.22
+0.05
7° MAX
0° MIN
0.17 MAX.
0.60
0.15
0.10
+
0.10
0.00
1.00
+0.10
-A-
0.50
7.00
+0.10 sq.
4.57
+0.10 sq.
NOTES:
1. Shaded lead is Pin 1.
2. Lead coplanarity - 0.08 with respect to datum "A".
3. Leadframe material: EFTEC 64T copper or equivalent, 0.127 mm (0.005) thick.
4. Solder plating (85/15) on exposed area.
Exposed pad protrusion
0.0000 to 0.0127 (see note 4).
Package Style: TQFP-48 EDF, 9x9


Similar Part No. - RF2938

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2908 RFMD-RF2908 Datasheet
534Kb / 18P
915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
More results

Similar Description - RF2938

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
Spread-Spectrum Transceiver
logo
RF Micro Devices
RF2948B RFMD-RF2948B Datasheet
413Kb / 18P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
logo
Synaptics Incorporated.
RF109 CONEXANT-RF109 Datasheet
100Kb / 12P
2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
logo
RF Micro Devices
RF2958 RFMD-RF2958 Datasheet
235Kb / 20P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
logo
List of Unclassifed Man...
XE900S ETC1-XE900S Datasheet
70Kb / 16P
Smart Spread Spectrum Transceiver
XE900SL10 ETC1-XE900SL10 Datasheet
72Kb / 16P
Miniature Spread Spectrum Transceiver
logo
RF Monolithics, Inc
DNT90CA RFM-DNT90CA Datasheet
192Kb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
List of Unclassifed Man...
TRW-24DSHI ETC2-TRW-24DSHI Datasheet
457Kb / 7P
2.4GHz Direct Sequence Spread Spectrum Hi Power Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
2.4GHz Direct Sequence Spread Spectrum RF Module
logo
Murata Manufacturing Co...
DNT900 MURATA-DNT900 Datasheet
1Mb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com