Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2938 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2938
Description  2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2938 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2938 Datasheet HTML 3Page - RF Micro Devices RF2938 Datasheet HTML 4Page - RF Micro Devices RF2938 Datasheet HTML 5Page - RF Micro Devices RF2938 Datasheet HTML 6Page - RF Micro Devices RF2938 Datasheet HTML 7Page - RF Micro Devices RF2938 Datasheet HTML 8Page - RF Micro Devices RF2938 Datasheet HTML 9Page - RF Micro Devices RF2938 Datasheet HTML 10Page - RF Micro Devices RF2938 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2-7
RF2938
Rev A8 010418
11
Pin
Function
Description
Interface Schematic
36
NC
No internal connection. May be grounded or connected on adjacent
signal or left floating. Connect to ground for best results.
37
NC
No internal connection. May be grounded or connected on adjacent
signal or left floating. Connect to ground for best results.
38
RSSI
Received signal strength indicator. Connect 8.2pF to ground. Output
impedance is 40k
Ω in parallel with 2pF.
39
DCFB I
DC feedback capacitor for in-phase channel. Requires decoupling
capacitor to ground. (22nF recommended)
40
DCFB Q
DC feedback capacitor for quadrature channel. Requires capacitor to
ground. (22nF recommended)
41
VCC3
Supply for the I and Q data amps.This pin should be bypassed with a
10nF capacitor connected as direct as possible to GND3. Ground this
pin if data amps are not used.
42
VREF 2
Gain control reference voltage. No current should be drawn from this
pin (<50
µA). 2.0V nominal.
43
NC
No internal connection. May be grounded or connected on adjacent
signal or left floating. Connect to ground for best results.
44
BW CTRL
This pin requires a resistor to ground to set the baseband LPF band-
width of the receiver and transmit GmC filter amps.
45
VCC2
Supply for the I and Q baseband and GmC filters. This pin should be
bypassed with a 10nF capacitor.
46
VREF 1
This is a bypass pin for the bias circuits of the GmC filter amps and for
I/Q inputs. No current should be drawn from this pin (< 10
µA). 1.7V
nominal.
47
RX VGC
Receiver IF and baseband amp gain control voltage. Negative slope.
48
NC
No internal connection. May be grounded or connected on adjacent
signal or left floating. Connect to ground for best results.
Pkg
Base
Ground for all circuitry in the device. A very low inductance from the
base to the PCB groundplane is essential for good performance. Use
an array of vias immediately underneath the device.
ESD
This diode structure is used to provide electrostatic discharge protec-
tion to 3kV using the Human body model. The following pins are pro-
tected: 3-6, 9, 10, 12, 26-34, 38-42, 44-47.
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com