Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2938 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2938
Description  2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2938 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2938 Datasheet HTML 5Page - RF Micro Devices RF2938 Datasheet HTML 6Page - RF Micro Devices RF2938 Datasheet HTML 7Page - RF Micro Devices RF2938 Datasheet HTML 8Page - RF Micro Devices RF2938 Datasheet HTML 9Page - RF Micro Devices RF2938 Datasheet HTML 10Page - RF Micro Devices RF2938 Datasheet HTML 11Page - RF Micro Devices RF2938 Datasheet HTML 12Page - RF Micro Devices RF2938 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2-9
RF2938
Rev A8 010418
11
Detailed Functional Block Diagram
Logic
15 dB
15 dB
REF
Phase
Splitter
25 dB
BW
Control
DC
Feedback
gm-C
LPF
+5 dB
gm-C
LPF
DC
Feedback
gm-C
LPF
TX
Bias
gm-C
LPF
Σ
-1.5 dB
3.5 dB
0-30 dB
VCC8
12
IF LO
11
TX VGC
10
VCC9
9
TX IF IN
8
RX IF IN
7
VCC1
6
TX EN
5
RX EN
4
PD
3
NC
2
NC
1
23
24
22
21
20
19
18
17
16
15
14
13
NC
36
NC
35
QOUT
33
IOUT
31
VCC4
30
TXQ DATA
29
TXI DATA
27
TXI BP
26
IF1 OUT+
25
44
48
47
46
45
43
42
41
40
39
38
37
RX
TX
Β2
0dB
+6 dB
+6 dB
0dB
0-30 dB
+5 dB
RXQ DATA
34
RXI DATA
32
TXQ BP
28
-20to-3dB
-6 to
37 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com