Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSS422 Datasheet (PDF) - Littelfuse

TSS422 Datasheet PDF - Littelfuse
Part # TSS422
Download  TSS422 Download
File Size   528.13 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays - Dedicated - Single Shot

TSS422 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSS422 Datasheet PDF - Littelfuse

Part # TSS422
Download  TSS422 Click to download

File Size   528.13 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays - Dedicated - Single Shot

TSS422 Datasheet (HTML) - Littelfuse


TSS422 Product details

Description
The TSS Series is a totally solid-state timing module. Its 1A
rated, solid-state output provides an excellent method of
time control for exposures, dispensing, or for increasing or
decreasing a switch closure. Time delays from 0.05 to 600
seconds, in 4 ranges, cover 90% of all OEM applications.
Factory calibration of fixed delays is ±5% and the repeat
accuracy is ±2%. The TSS Series can be surface mounted with
a single screw, or snapped on a 35mm DIN rail using the
P1023-20 accessory adaptor.
Operation (Single Shot)
Voltage must be applied before and during timing. Upon
momentary or maintained closure of the initiate switch, the
output energizes for a measured interval of time. At the end
of the delay, the output de-energizes. Opening or reclosing the
initiate switch during timing has no affect on the time delay. The
output will energize if the initiate switch is closed when input
voltage is applied.
Reset: Reset occurs when the time delay is complete and the
initiate switch opens. Loss of input voltage resets the time delay
and output.

FEATURES BENEFITS
Analog circuitry Repeat accuracy + / - 2%,
Factory calibration + / - 5%
Compact, low
cost design Allows flexiblility for OEM applications
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Surface or DIN
rail mounting Provides flexibility for installation




Similar Part No. - TSS422

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS42L TSC-TSS42L Datasheet
72Kb / 2P
0.2Amp Surface Mount Schottky Barrier
TSS42L TSC-TSS42L Datasheet
174Kb / 4P
Surface Mount Schottky
TSS42L TSC-TSS42L_14 Datasheet
174Kb / 4P
Surface Mount Schottky
TSS42U TSC-TSS42U Datasheet
81Kb / 2P
0.2Amp Surface Mount Schottky Barrier
TSS42U TSC-TSS42U Datasheet
102Kb / 2P
0.2 Amp Surface Mount Schottky Barrier Diode
More results


Similar Description - TSS422

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSD94110SB LITTELFUSE-TSD94110SB Datasheet
204Kb / 1P
Time Delay Relays - Dedicated - Retriggerable Single Shot
2016 Rev: 1-A-062716
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
TSDS LITTELFUSE-TSDS Datasheet
516Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
THDS LITTELFUSE-THDS Datasheet
399Kb / 2P
Time Delay Relays / Dedicated - Single Shot
2016 Rev: 1-A-062216
TRS LITTELFUSE-TRS Datasheet
380Kb / 2P
Time Delay Relays / SINGLE SHOT
2021 Rev: 1-C-030121
TSA141300 LITTELFUSE-TSA141300 Datasheet
234Kb / 1P
Time Delay Relays / Dedicated - HVAC
2016 Rev: 1-A-062716
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD3411S LITTELFUSE-TSD3411S Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com