Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9623AB3DF Datasheet (PDF) - Vimicro Corp.

WS9623AB3DF Datasheet PDF - Vimicro Corp.
Part # WS9623AB3DF
Download  WS9623AB3DF Download
File Size   710.1 Kbytes
Page   19 Pages
Manufacturer  VIMICRO [Vimicro Corp.]
Direct Link  http://www.vimicro.com/
Logo VIMICRO - Vimicro Corp.
Description 128 MHz high performance CPU processor

WS9623AB3DF Datasheet (PDF)

Go To PDF Page Download Datasheet
WS9623AB3DF Datasheet PDF - Vimicro Corp.

Part # WS9623AB3DF
Download  WS9623AB3DF Click to download

File Size   710.1 Kbytes
Page   19 Pages
Manufacturer  VIMICRO [Vimicro Corp.]
Direct Link  http://www.vimicro.com/
Logo VIMICRO - Vimicro Corp.
Description 128 MHz high performance CPU processor

WS9623AB3DF Datasheet (HTML) - Vimicro Corp.


WS9623AB3DF Product details

FEATURES
 128 MHz high performance CPU processor.
 Internal 512KB via ROM.
 Internal 4M bit SPI flash.
 -92dBm RX sensitivity and +9dBm TX output
power capability
 Logic for forward error correction, header
error control, access code correlation, CRC,
demodulation, encryption bit stream
generation, and whitening and transmit pulse
shaping.
 Fully qualified Bluetooth v4.1 + EDR feature
including eSCO and AFH.
 Internal 128KB SRAM. Allows full-speed
data transfer with full piconet support, mixed
voice and data, including all EDR packet
types.
 Audio transcoders for A-law, μ-law and linear
voice from host and A-law, μ-law and CVSD
voice over air.
 UART interface with programmable baud
rate up to 3Mbps for HCI communication.
 Multiple I2C interface for external EEPROM.
 Boot loader with external memory interface
for software debugging.
 Internal 32 KHz oscillator for low power
operation.
 QFN48 package.
 SPI flash support. Operation voltage is 3.3V.
 Battery power display support. Allows user to
use buttons to trigger a tone/speech tone or
a led, to prompt the current battery.
 SPP support. Increased SPP protocol, which
is used to transmit commands and data,
realize interaction control with other
equipment that supports SPP.
 AT Command support. Communicates with
MCU through the UART,controlled by the
MCU,or converted the command to
bluetooth command,sent to the mobile
phone to realize the control of the phone by
MCU.
 Working temperature range -40 to +80 ℃.
 Dual Mic Acoustic Noise Cancellation. Used
to eliminate the stationary and
non-stationary noise on Tx.
 Single-microphone echo Cancellation. Used
to cancel acoustic echo.
 Single-microphone noise suppression. Used
to reduce stationary noise on Tx and Rx
 Packet Loss Concealment. Used to restore
audio quality in difficult RF environment on
Rx.
 Equalizer. Supports six arbitrarily frequency
bands and the bandwidth can be adjusted.
 Automatic Gain Control. Performs automatic
volume adjustment of the signal on Tx and
Rx.
 Speech Tone. Encoded with SBC (Sub-Band
Codec) format and stored in FLASH, to
indicate general event from headset by
specified tone directly.
 Advanced multi-point support. Allows
connecting 2 devices (either phones or pads)
and handling multiple calls or music at the
same time.
 Bluetooth Air path parameter configuration.
 24 bit Audio codec, -98dB SNR.
 Low radio power realizes 10+meter
communication (class2).
 Fast charger: 30 minutes charging time.
 No Balun filter required for connection.
 Battery monitor designed for smart phones.
 Watch dog for link loss alarm.
 Virtual Surround Sound for headphone and
loudspeakers support. Create a perceived
widened or surrounding sound image.
 Bass Enhancement support. Boosts the low
frequency part of the signal and leaves the
remaining part of the frequency range
unchanged in terms of loudness and timbre.
This gives the possibility to create extreme
bass enhancement.




Similar Part No. - WS9623AB3DF

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9032K WINSEMI-WS9032K Datasheet
368Kb / 2P
WS9032K Non-isolated buck LED constant current driver chip
WS9032KS7P WINSEMI-WS9032KS7P Datasheet
368Kb / 2P
WS9032K Non-isolated buck LED constant current driver chip
logo
Brady Worldwide, Inc.
WS91RIGIDG BRADY-WS91RIGIDG Datasheet
25Kb / 1P
‘Danger Automatic Machinery Liable To Start Without Warning’ Sign
logo
List of Unclassifed Man...
WS9221 ETC2-WS9221 Datasheet
387Kb / 8P
High Precision PSR Constant Current LED Driver
logo
Shenzhen Winsemi Microe...
WS9221 WINSEMI-WS9221 Datasheet
387Kb / 8P
High Precision PSR Constant Current LED Driver
More results


Similar Description - WS9623AB3DF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R3500 IDT-IDT79R3500 Datasheet
142Kb / 16P
RISC CPU PROCESSOR RISCore?
logo
Motorola, Inc
MC68349 MOTOROLA-MC68349 Datasheet
211Kb / 7P
HIGH PERFORMANCE INTEGRATED PROCESSOR
logo
National Semiconductor ...
NS32CG16-10 NSC-NS32CG16-10 Datasheet
728Kb / 82P
High-Performance Printer / Display Processor
logo
C-Media Electronics
CMI8787 CMEDIA-CMI8787 Datasheet
723Kb / 28P
High Performance PCI Audio Processor
logo
Freescale Semiconductor...
MC9S08AC60CFGE FREESCALE-MC9S08AC60CFGE Datasheet
2Mb / 350P
40-MHz HCS08 CPU (central processor unit)
logo
List of Unclassifed Man...
EFM32GG332F512 ETC2-EFM32GG332F512 Datasheet
1Mb / 67P
High Performance 32-bit processor @ up to 48 MHz
EFM32GG230 ETC2-EFM32GG230 Datasheet
3Mb / 66P
High Performance 32-bit processor up to 48 MHz
OCE11100 ETC2-OCE11100 Datasheet
1Mb / 3P
High performance with high CPU efficiency
logo
Advantech Co., Ltd.
SOM-3567 ADVANTECH-SOM-3567 Datasheet
736Kb / 2P
Processor QSeven CPU Module
logo
NXP Semiconductors
MC68HC11KG4 NXP-MC68HC11KG4 Datasheet
8Mb / 246P
Low Power,high performance M68HC11 CPU core
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com