Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9623AB3DF Datasheet(PDF) 7 Page - Vimicro Corp.

Part # WS9623AB3DF
Description  128 MHz high performance CPU processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMICRO [Vimicro Corp.]
Direct Link  http://www.vimicro.com/
Logo VIMICRO - Vimicro Corp.

WS9623AB3DF Datasheet(HTML) 7 Page - Vimicro Corp.

Back Button WS9623AB3DF Datasheet HTML 3Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 4Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 5Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 6Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 7Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 8Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 9Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 10Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 11Page - Vimicro Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
WS9623AB3DF
Datasheet (V1.2)
Copyright © Vimicro_wx, Inc. 1999-2014
7
PIN DESCRIPTION
[Table 1] PIN Descriptions by Order
ORDER
PIN NAME
DIR
POWER
DESCRIPTION
1
RST
AI
AVDDBAT Rest for deadlock.
2
PWR
AI
AVDDBAT High level (BAT voltage) means button is turned on.
3
VOL5
AIO
AVDDBAT
LDO5 (3.3V) output. Power Supply for Audio an HP (AVDD33 power
domain).
4
HPOUTLP
A, O
AVDD18
Headphone left channel output (Positive).
5
HPOUTLN
A, O
AVDD18
Headphone left channel output (Negative).
6
HPOUTRP
A, O
AVDD18
Headphone right channel output (Positive).
7
HPOUTRN
A, O
AVDD18
Headphone right channel output (Negative).
8
VSS
P
AVDD33
Ground for Audio.
9
VREF
AIO
AVDD33
Internal reference voltage output,
10
MBIAS
AIO
AVDD33
Microphone bias voltage output, tied 2.2
μF capacitor to AVSS.
11
MICLP
A, O
AVDD33
Microphone left channel input, positive end.
12
MICLN
A, I
AVDD33
Microphone left channel input, negative end.
13
MICRP
A, I
AVDD33
Microphone right channel input, positive end.
14
MICRN
A, I
AVDD33
Microphone right channel input, negative end.
15
VCOM
A, I
AVDD33
Common mode reference voltage.
16
GPIO[15]
B
VDD33
General purpose IO.
17
GPIO[14]
B
VDD33
General purpose IO.
18
GPIO[13]
B
VDD33
General purpose IO.
19
VDD12_1
P
DVDD12
Digital core power.
20
GPIO[12]
B
VDD33
General purpose IO.
21
GPIO[11]
B
VDD33
General purpose IO.
22
GPIO[10]
B
VDD33
General purpose IO.
23
GPIO[9]
B
VDD33
General purpose IO.
24
GPIO[8]
B
VDD33
General purpose IO.
25
VDD33
P
DVDD33
Digital I/O power.
26
GPIO[7]
B
VDD33
General purpose IO.
27
GPIO[6]
B
VDD33
General purpose IO.
28
GPIO[5]
B
VDD33
General purpose IO.
29
VDD12_2
P
DVDD12
Digital core power.
30
GPIO[4]
B
VDD33
General purpose IO.
31
GPIO[3]
B
VDD33
General purpose IO.
32
GPIO[2]
B
VDD33
General purpose IO.
33
GPIO[1]
B
VDD33
General purpose IO.
34
VDDA_PAMID
P,O
AVDD125
PA supply. LDO output, connect to decoupling cap.
35
RF_RTXP
AIO
AVDD125 RF input/output, drive SAW filter. Require on board matching network.
36
AVDD_RF
P
AVDD125
RF front end supply.LDO output, connect to decoupling cap.
37
VDD_ADDA
P
AVDD125
analog vdd,
LDO output, connect to decoupling cap.
38
XTAL_IN
AIO
AVDD125 XTAL input, connect to crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com