Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9623AB3DF Datasheet(PDF) 10 Page - Vimicro Corp.

Part # WS9623AB3DF
Description  128 MHz high performance CPU processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMICRO [Vimicro Corp.]
Direct Link  http://www.vimicro.com/
Logo VIMICRO - Vimicro Corp.

WS9623AB3DF Datasheet(HTML) 10 Page - Vimicro Corp.

Back Button WS9623AB3DF Datasheet HTML 6Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 7Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 8Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 9Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 10Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 11Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 12Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 13Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 14Page - Vimicro Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
WS9623AB3DF
Datasheet (V1.2)
Copyright © Vimicro_wx, Inc. 1999-2014
10
DEVICE TERMINAL DESCRIPTIONS
Power Supply
WS9623AB3DF is powered by one small Li-Ion battery via the pins VBAT and GNDS1. The voltage value range of
battery is from 3.0V to 5.5V.
It can be connected to charger via the pin VCHG; the charger block will provide smart battery charging
management and power supply through LDO for chip simultaneously. The Input voltage value range of charger is
from 3.0V to 6.5V (From Adapter or USB).
The maximum charging current is 300mA.
WS9623AB3DF
VOL2 (3.3V)
VOL1 (1.2V)
COL2
1
µF
COL1
1
µF
VCHG
VBAT
BAT
CBAT
4.7
µF
RSET
2.5k
Ω
VOL5
VDC(Adj)
COS
4.7
µF
LS
22
µH
PWR
SWS
GNDS
FBS
PWR
VOL2
VOL1
VCHG
VBAT
VOL5
RS
COL5
1
µF
Figure 3 WS9623AB3DF Typical Power Application
Crystal Oscillator
Port XTAL_IN and XTAL_OUT need to be bonded out and connect to the on-board crystal circuit. The load cap for
both pins is 4-12pF. The on-board crystal circuit needs to be placed close to the chip. The on-chip DCXO circuit
can work with crystal frequency 26MHz.
The initialization time for the DCXO circuit to settle to 10ppm accuracy is 2mS. The reference clock generated by
the DCXO goes to RFPLL and DPLL. However, the reference clock generated by DCXO can be directly feed to the
digital baseband in that case.
The on-chip DCXO circuit has a cap tuning array that can be used to trim reference clock frequency.
XTAL_IN
XTAL_OUT
CL=4-12pF
Figure 4 Typical Applications of XTAL_IN and XTAL_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com