Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9623AB3DF Datasheet(PDF) 8 Page - Vimicro Corp.

Part # WS9623AB3DF
Description  128 MHz high performance CPU processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMICRO [Vimicro Corp.]
Direct Link  http://www.vimicro.com/
Logo VIMICRO - Vimicro Corp.

WS9623AB3DF Datasheet(HTML) 8 Page - Vimicro Corp.

Back Button WS9623AB3DF Datasheet HTML 4Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 5Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 6Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 7Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 8Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 9Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 10Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 11Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 12Page - Vimicro Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
WS9623AB3DF
Datasheet (V1.2)
Copyright © Vimicro_wx, Inc. 1999-2014
8
ORDER
PIN NAME
DIR
POWER
DESCRIPTION
39
XTAL_OUT
AIO
AVDD125 XTAL output, connect to crystal
40
VDD_REG
P, I
AVDD15
XTAL/analog/RF LDO power (1.5V) input, external power supply from
FBS .need 3.3uF and 4.7pF on board caps.
41
GPIO_A
B
VDD33
General purpose IO.
42
GPIO_B
B
VDD33
General purpose IO.
43
SWS
AIO
AVDDBAT Connect the inductor of switching Buck DC-DC.
44
VBAT
P, IO
AVDDBAT Battery positive terminal.
45
VOL1
AIO
AVDDBAT
LDO1 (3.3V) output and input for POR. Power Supply of digital I/O
(DVDD33 power domain).
46
VCHG
P, I
AVDDBAT Charger input terminal.
47
FBS
AIO
AVDDBAT
The feedback pin of switching Buck DC-DC. Source of AVDD 15 power
domain.
48
VOL2
AIO
AVDDBAT LDO2 (1.2V) output. Power Supply of core of digital logic.
[Table 2] PIN Numbers by Interface
INTERFACE
PIN NUMBER
GPIO Interface
16~18, 20~24, 26~28, 30~33, 41~42
PMU Interface
1~3, 8~10, 19, 25, 29, 34, 36~37, 40, 43~48
Audio Interface
6~7, 11~15,
Radio Interface
35
Crystal Interface
38~39
Note 1:
P
Power/Ground
A
Analog
I
Input
O
Output
B
Bi-direction
PP
Internal programmable pull up/down
Sch
Schmitt Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com