Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9623AB3DF Datasheet(PDF) 19 Page - Vimicro Corp.

Part # WS9623AB3DF
Description  128 MHz high performance CPU processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMICRO [Vimicro Corp.]
Direct Link  http://www.vimicro.com/
Logo VIMICRO - Vimicro Corp.

WS9623AB3DF Datasheet(HTML) 19 Page - Vimicro Corp.

Back Button WS9623AB3DF Datasheet HTML 11Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 12Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 13Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 14Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 15Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 16Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 17Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 18Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 19Page - Vimicro Corp.  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
WS9623AB3DF
Datasheet (V1.2)
Copyright © Vimicro_wx, Inc. 1999-2014
19
[Table 7] Physical Dimensions in figure 9 (Unit:mm)
SYMBOL
MIN
NOM
MAX
A
0.80
0.85
0.90
A1
0
0.035
0.05
A2
---
0.65
0.67
A3
0.203 (REF)
b
0.20
0.25
0.30
D
7 (BSC)
E
7 (BSC)
e
0.5 (BSC)
J
5.55
5.65
5.75
K
5.55
5.65
5.75
L
0.35
0.40
0.45
aaa
0.1
bbb
0.1
ccc
0.08
ddd
0.1
eee
0.1
CONTACT INFORMATION
Vimicro WuXi Headquarter
10/F 530 Tower, QingYuan Road, TaiHu International Technology Park,
WuXi New District, 214135, China
Tel: 86-510-81816000
Fax: 86- 510-81816935
Web: www.vimicro.com
Vimicro Beijing
16/F Shining Tower, No.35 Xueyuan Road, Haidian District, Beijing 100191, China
Tel: 86-10-68948888
Fax: 86-10-68944075
Vimicro Shanghai
2-101, Zhangjiang Micro-electronics Port, 690 Bibo Road, Zhangjiang High-tech Park,
Pudong New District, Shanghai 201203, China
Tel: 86-21-50807000
Fax: 86-21-50807611
Vimicro Shenzhen
4/F T2-B Building, South District, High-Tech Industrial Park Shenzhen 518057, Guangdong
Prov, China
Tel: 86-755-26719818
Fax: 86-755-26719539
Vimicro USA Viewtel Corporation
19447 Pauma Valley Drive, Porter Ranch, CA, 91326 USA
Tel: 1-650-966-1882
Fax: 1-650-966-1885



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com