Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9623AB3DF Datasheet(PDF) 17 Page - Vimicro Corp.

Part # WS9623AB3DF
Description  128 MHz high performance CPU processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMICRO [Vimicro Corp.]
Direct Link  http://www.vimicro.com/
Logo VIMICRO - Vimicro Corp.

WS9623AB3DF Datasheet(HTML) 17 Page - Vimicro Corp.

Back Button WS9623AB3DF Datasheet HTML 11Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 12Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 13Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 14Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 15Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 16Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 17Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 18Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 19Page - Vimicro Corp.  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
WS9623AB3DF
Datasheet (V1.2)
Copyright © Vimicro_wx, Inc. 1999-2014
17
Parameters
Mode and Conditions
Min
Typ
Max
Unit
Frequency Drift
DH1 packet
–
±20
±25
kHz
DH3 packet
–
±20
±40
kHz
DH5 packet
–
±20
±40
kHz
Drift rate
–
10
20
kHz/50
us
Frequency Deviation
00001111 sequence in payload
140
160
175
kHz
01010101 sequence in payload
115
150
165
kHz
Power Consumption
[Table 6] Power Supply Current (With a normal 3.7V battery voltage)
Operating Mode
Typical
Unit
HV3
15.0
mA
EV3
15.0
mA
2EV3
14.3
mA
A2DP Active Mode: 2DH5, 350 kbps SBC
14.5
mA
Single HFP Sniff (500ms Interval)
350
µA
Deep Sleep (off) Mode
5.0
µA
Note :
The currents are measured without an audio signal present.
The currents are measured with LEDs off.
The sniff mode current is measured with the device operating in Slave mode.
The A2DP Active mode current is with the device operating in Slave mode.
Power Meter
Power meter measures power consumption of the battery and sends the current battery level to phones. Power
meter has 10 report levels. The following devices support power meter currently.
-
iPhone 3/4/4S/5
-
iPad 1/2/mini
-
iTouch 3/4/5
-
MiPhone 2/2S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com