Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9623AB3DF Datasheet(PDF) 16 Page - Vimicro Corp.

Part # WS9623AB3DF
Description  128 MHz high performance CPU processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMICRO [Vimicro Corp.]
Direct Link  http://www.vimicro.com/
Logo VIMICRO - Vimicro Corp.

WS9623AB3DF Datasheet(HTML) 16 Page - Vimicro Corp.

Back Button WS9623AB3DF Datasheet HTML 11Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 12Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 13Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 14Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 15Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 16Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 17Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 18Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 19Page - Vimicro Corp.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
WS9623AB3DF
Datasheet (V1.2)
Copyright © Vimicro_wx, Inc. 1999-2014
16
ELECTRICAL CHARACTERISTICS
RF Specifications
[Table 4] Receiver RF Specifications
Parameters
Mode and Conditions
Min
Typ
Max
Unit
Frequency Range
–
2402
–
2480
MHz
Rx Sensitivity
GFSK, 1Mbps, 0.1% BER
–
-92.0
-90.0
dBm
DQPSK, 2Mbps, 0.01% BER
–
-93.0
-91.0
dBm
8DPSK, 3Mbps, 0.01% BER
–
-86.0
-84.0
dBm
Maximum Input
–
–
–
-10.0
dBm
Interference Performance
C/I CCI (GFSK, 0.1% BER)
–
–
11.0
dB
C/I 1MHz ACI (GFSK, 0.1% BER)
–
–
0.0
dB
C/I 2MHz ACI (GFSK, 0.1% BER)
–
–
-30.0
dB
C/I ≥3MHz ACI (GFSK, 0.1% BER)
–
–
-40.0
dB
C/I image channel (GFSK, 0.1% BER)
–
–
-9.0
dB
C/I CCI (DQPSK, 0.1% BER)
–
–
13.0
dB
C/I 1MHz ACI (DQPSK, 0.1% BER)
–
–
0.0
dB
C/I 2MHz ACI (DQPSK, 0.1% BER)
–
–
-30.0
dB
C/I ≥3MHz ACI (DQPSK, 0.1% BER)
–
–
-40.0
dB
C/I image channel (DQPSK, 0.1% BER)
–
–
-7.0
dB
C/I CCI (8DPSK, 0.1% BER)
–
–
21.0
dB
C/I 1MHz ACI (8DPSK, 0.1% BER)
–
–
5.0
dB
C/I 2MHz ACI (8DPSK, 0.1% BER)
–
–
-25.0
dB
C/I ≥3MHz ACI (8DPSK, 0.1% BER)
–
–
-33.0
dB
C/I image channel (8DPSK, 0.1% BER)
–
–
0.0
dB
Out-of-Band
Blocking
Performance (CW)
30 MHz to 2000 MHz (GFSK, 0.1% BER)
–
-10.0
–
dBm
2000 MHz to 2399 MHz (GFSK, 0.1% BER)
–
-27.0
–
dBm
2498 MHz to 3000 MHz (GFSK, 0.1% BER)
–
-27.0
–
dBm
3000 MHz to 12.75 GHz (GFSK, 0.1% BER)
–
-10.0
–
dBm
Intermodulation Performance
BT, Delta f = 5MHz
-39.0
–
–
dBm
[Table 5] Transmitter RF Specifications
Parameters
Mode and Conditions
Min
Typ
Max
Unit
Frequency Range
–
2402
–
2480
MHz
Channel Spacing
–
–
1
–
MHz
Maximum Output Power
Class 2
+2
+4
+9
dBm
Output Power Range
–
-30
–
>+4
dBm
In-Band Spurious Emission
±500 kHz
–
–
-20.0
dBc
1.0MHz<|M
– N|<1.5 MHz (EDR only)
–
–
-26.0
dBc
1.5MHz<|M
– N|<2.5 MHz (EDR only)
–
–
-20.0
dBm
|M
– N|>2.5 MHz (EDR only)
–
–
-40.0
dBm
LO Performance
Lock time
–
100
150
us
Initial carrier frequency tolerance
–
±25
±75
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com