Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9623AB3DF Datasheet(PDF) 14 Page - Vimicro Corp.

Part # WS9623AB3DF
Description  128 MHz high performance CPU processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMICRO [Vimicro Corp.]
Direct Link  http://www.vimicro.com/
Logo VIMICRO - Vimicro Corp.

WS9623AB3DF Datasheet(HTML) 14 Page - Vimicro Corp.

Back Button WS9623AB3DF Datasheet HTML 10Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 11Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 12Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 13Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 14Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 15Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 16Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 17Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 18Page - Vimicro Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
WS9623AB3DF
Datasheet (V1.2)
Copyright © Vimicro_wx, Inc. 1999-2014
14
direction specified by the RW bit that sent by the master. Each transferred byte is followed by an acknowledge bit
on the 9th SCL clock cycle. If the slave signals a No Acknowledge, the master will generate a STOP signal to abort
the data transfer, or generate a Repeated START signal and then start a new transfer cycle.
If the master, as the receiving device, does not acknowledge the slave, the slave should release the SDA line for
the master to generate a STOP or Repeated START signal.
To write data to a slave, store the data in the Transmit Register to be transmitted and set the WR bit. To read data
from a slave, set the RD bit. The core set the TIP flag during a transfer, indicating that a transfer is in progress.
When the transfer is done the TIP flag is reset, and generates an interrupt. The Receive Register contains valid
data after the IF flag is reset. The user may issue a new write or read command when the TIP flag is reset.
STOP Signal
The master can terminate the communication by generating a STOP signal. A STOP signal, usually referred as the
P-bit, is defined as a low-to-
high transition of SDA while SCL is at logical „1‟.
Arbitration Procedure
Clock Synchronization
The I
2C bus is a true multi-master bus that allows more than one master to be connected on it. If two or more
masters simultaneously try to control the bus, a clock synchronization procedure determines the bus clock.
Because of the wired-AND connection of the I
2C signals, a high-to-low transition affects all the devices that
connected to the bus. Therefore a high
–to-low transition on the SCL line causes all concerned devices to count off
their low period. Once a device clock has gone low, it will hold the SCL line in low state until the clock high state is
reached. Due to the wired-AND connection, the SCL line will therefore be held low by the device with the longest
low period, and held high by the device with the shortest high period.
Figure 8 Arbitration Procedure
Clock Stretching
Slave devices can use the clock synchronization mechanism to slow down the transfer bit rate. After the master
has driven SCL low, the slave can drive SCL low for the required period and then release it. If the slave‟s SCL low
period is greater than the ma
ster‟s SCL low period, the resulting SCL bus signal low period will be stretched, thus
inserting wait-states.
GPIO interface
The ports GPIO [15:1] / GPIO_A/ GPIO_B are general purpose IO, GPIO [15:13] / GPIO_B are used as LED.
GPIO [12:1] / GPIO_A are used as Buttons which indicate volume control, music play/stop, link statues display, etc.
The special function of each port can be configured in SW.
GPIO [4:1] is shared for UART connections. GPIO [4:1] is used for UART transport by configuring related register
by SW.
The PWR is voltage value high indication port and it is used as Multi function port. High level (BAT voltage) of this
port means the button is turned on; it can be used for powering on, powering down, or paging scan mode of chip
according of its high level and Duration of High level.
There are 17 GPIO in the GPIO module. GPIO module is used to process the transmission and receiving between
GPIO pad and the core and to generate the interrupt from GPIO pad.
Start counting
low period
wait
state
Start counting
high period
SCL1
SCL2
SCL
Master1 SCL
Master2 SCL
wired-AND SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com