Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9623AB3DF Datasheet(PDF) 11 Page - Vimicro Corp.

Part # WS9623AB3DF
Description  128 MHz high performance CPU processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMICRO [Vimicro Corp.]
Direct Link  http://www.vimicro.com/
Logo VIMICRO - Vimicro Corp.

WS9623AB3DF Datasheet(HTML) 11 Page - Vimicro Corp.

Back Button WS9623AB3DF Datasheet HTML 7Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 8Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 9Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 10Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 11Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 12Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 13Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 14Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 15Page - Vimicro Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
WS9623AB3DF
Datasheet (V1.2)
Copyright © Vimicro_wx, Inc. 1999-2014
11
RF Interface
Port RFXP and AVDD_RF are the RF I/O ports and need to be bonded out. The two RF pins are connected to
on-board matching network which should be placed close to the chip. The associated on
–board transmission line
routing should have 50
Ω impedance matching.
Audio Interface
WS9623AB3DF supports Dual Microphone Audio inputs. The MICLP port is microphone left channel inputs, the
MICLN port is differential inputs, the MICRP port is microphone right channel inputs and the MICRN port is
differential inputs.
The stereo Audio output ports are HPOUT_RP/HPOUT_RN and HPOUT_LP/HPOUT_LN, while HPOUT_RP and
HPOUT_RN are headphone right channel output, HPOUT_LP and HPOUT_LN are headphone left channel output.
UART Interface
The UART ports are shared with GIPO [4:1]. Those ports are used as UART by configuring related register by SW.
Function Description
Serial Operation
The UART module has one operation mode --- non-return to zero (NRZ).
The NRZ mode is primarily associated with RS-232. Each character is transmitted as a frame delimited by a start
bit at the beginning and a stop bit at the end. Data bits are transmitted least significant bit first, each bit occupies a
period of time equal to 1 full bit. If parity is used, then the parity bit is transmitted after the most significant bit.
Following is the waveform in NRZ mode.
Figure 5 Waveform of UART
UART External Connection for Bluetooth
The UART in WS9625ABMC can be used to transport HCI (Host Controller Interface) packets for Bluetooth. The
HCI UART Transport Layer uses the following settings for RS232:
[Table 3] HCI UART Transport Layer settings
Baud rate
manufacturer-specific
Number of data bits
8
Parity bit
no parity
Stop bit
1 stop bit
Flow control
RTS/CTS (Hardware Flow Control)
Flow-off response time
manufacturer specific
The RS232 signals should be connected in a null-modem fashion.
The most expensive null modem cable is the null modem cable suitable for full handshaking. In this null modem
NRZ mode transmits an
ASCII “A” Character with Odd
parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com