Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9623AB3DF Datasheet(PDF) 12 Page - Vimicro Corp.

Part # WS9623AB3DF
Description  128 MHz high performance CPU processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMICRO [Vimicro Corp.]
Direct Link  http://www.vimicro.com/
Logo VIMICRO - Vimicro Corp.

WS9623AB3DF Datasheet(HTML) 12 Page - Vimicro Corp.

Back Button WS9623AB3DF Datasheet HTML 8Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 9Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 10Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 11Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 12Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 13Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 14Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 15Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 16Page - Vimicro Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
WS9623AB3DF
Datasheet (V1.2)
Copyright © Vimicro_wx, Inc. 1999-2014
12
cable, seven wires are present. Only the ring indicator RI and carrier detect CD signal are not linked. The cable is
shown in the following figure. DTR and DSR are not used in UART of WS9623AB3DF.
Figure 6 Null Modem Cable Connections
Connector 1
Connector 2
Function
2
3
Rx
Tx
3
2
Tx
Rx
4
6
DTR
DSR
5
5
Signal ground
6
4
DSR
DTR
7
8
RTS
CTS
8
7
CTS
RTS
In CTS/RTS flow, the RTS output of device1 signals device2 that device1 is capable of receiving information, so
device2 will send the data out when the RTS signal of device1 is set valid. Also, device1 will send the data out
when the RTS signal of device2 is set valid.
I
2C Interface
WS9623AB3DF provides PROM_SCL and PROM_SDA for communication with EEPROM which comply with I
2C
protocol.
I
2C is a two-wire, bi-directional serial bus, which provides a simple and efficient method of data exchange between
devices. It is most suitable for applications requiring occasional communication over a short distance between
many devices. The I
2C standard is a true multi-master bus including collision detection and arbitration that
prevents data corruption if two or more masters attempt to control the bus simultaneously.
The I
2C interface defines 2 transmission speeds:
Normal: 100Kbit/s
Fast: 400Kbit/s
Only 100Kbps mode and 400Kbps mode are supported directly.
FEATURES:
Compatible with I
2C standard;
Multi Master Operation;
Supports 7 and 10bit addressing mode;
Software programmable clock frequency, supports a wide range of input clock frequencies;
Software programmable acknowledge bit;
Interrupt or bit-polling driven byte-by-byte data-transfers;
Arbitration lost interrupt, with automatic transfer cancellation;
Bus busy detection;
Clock Stretching and Wait state generation;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com