Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9623AB3DF Datasheet(PDF) 9 Page - Vimicro Corp.

Part # WS9623AB3DF
Description  128 MHz high performance CPU processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMICRO [Vimicro Corp.]
Direct Link  http://www.vimicro.com/
Logo VIMICRO - Vimicro Corp.

WS9623AB3DF Datasheet(HTML) 9 Page - Vimicro Corp.

Back Button WS9623AB3DF Datasheet HTML 5Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 6Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 7Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 8Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 9Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 10Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 11Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 12Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 13Page - Vimicro Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
WS9623AB3DF
Datasheet (V1.2)
Copyright © Vimicro_wx, Inc. 1999-2014
9
FUNCTIONAL BLOCK DESCRIPTION
Radio Transceiver
The WS9623AB3DF features an integrated radio
transceiver that has been optimized for Bluetooth 2.4
GHz wireless systems. It has been designed to
provide
low
power,
low
cost,
and
robust
communications for applications operating in the
globally available 2.4 GHz unlicensed ISM band. It is
fully compliant with the Bluetooth Radio Specification
4.1 and EDR specification, and meets or exceeds the
requirements to provide the highest communication
link quality of service.
Transmitter Path
The WS9623AB3DF features a fully integrated zero-IF
transmitter. The baseband transmits GFSK, DQPSK,
8DPSK data is digitally modulated in the modem block,
and then up-converts the data to the 2.4 GHz ISM
band in the transmitter path.
The transmitter path
consists of signal filters, I/Q up-converters, output
Power Amplifiers (PAs), and RF filters. The digital
modulator performs the data modulation and filtering
required for the GFSK, DQPSK, and 8-DPSK signals.
The fully digital modulator minimizes any frequency
drift or anomalies in the modulation characteristics of
the transmitted signal.
Receiver Path
The
receiver
path
uses
an
innovative
Adaptive-Adjustable-IF architecture (patent pending)
for improved anti-interference performance and low
power consumption. The front-end topology with
built-in
out-of-band
attenuation
enables
the
WS9623AB3DF to be used in most applications with
no off-chip filtering. The digital demodulator and bit
synchronizer take the down-converted received signal
and perform an optimal frequency tracking and bit
synchronization algorithm. The radio portion of the
WS9623AB3DF also provides a Received Signal
Strength Indication (RSSI) signal to the baseband so
that the controller can participate in a Bluetooth
power-controlled link.
Audio codec
Audio Codec includes two channel voice band 24bit
ADC, which can support stereo microphone recording,
with one microphone bias output. The codec also has
two channel CD quality 24bit Audio DACs, which
support two 16
Ω headphone / speakers with two
40mW output, or two
32Ω headphone / speakers with
two 40mW output.
Power Management
PMU is an integrated power solution for applications
powered by one small Li-Ion battery. It provides total
power solution for WS9623AB3DF. It provides one
highly efficient, low output ripple step-down converter
to the core voltage. Step-down converter enters PFM
mode at light load for maximum efficiency over the
widest possible range of load currents. The PMU also
integrates three LDO regulators (with Charger bypass
mode), POR, Start-up controller and a battery charger.
The charger block will provide smart battery charging
management, while LDO will provide a low-noise
power supply for WS9623, and POR will provide reset
signal for digital core.
SRAM
The SRAM of 128kB is used in WS9623AB3DF Chip.
This memory stores the data generated or required by
running
the high performance CPU.
ROM
The
VIA
ROM
of
512KB
is
employed
in
WS9623AB3DF Chip. This memory is used to store
the firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com