Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9623AB3DF Datasheet(PDF) 13 Page - Vimicro Corp.

Part # WS9623AB3DF
Description  128 MHz high performance CPU processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMICRO [Vimicro Corp.]
Direct Link  http://www.vimicro.com/
Logo VIMICRO - Vimicro Corp.

WS9623AB3DF Datasheet(HTML) 13 Page - Vimicro Corp.

Back Button WS9623AB3DF Datasheet HTML 9Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 10Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 11Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 12Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 13Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 14Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 15Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 16Page - Vimicro Corp. WS9623AB3DF Datasheet HTML 17Page - Vimicro Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
WS9623AB3DF
Datasheet (V1.2)
Copyright © Vimicro_wx, Inc. 1999-2014
13
Interface Timing Signal with I
2C bus
System Configuration
The I
2C system uses the serial data line (SDA) and serial clock line (SCL) for data transfers. All devices connected
to these two signals must have open drain or collector outputs. The logic AND function is exercised on both lines
with external pull-up resistors.
Data is transferred between a Master and a Slave synchronously to SCL on the SDA line via a byte-by-byte basis.
Each data byte is 8 bits long. There is one SCL clock pulse for each data bit with the MSB being transmitted first.
An acknowledge bit follows each transferred byte. Each bit is sampled during the high period of SCL; therefore, the
SDA line may be changed only during the low period of SCL and it must be held stable during the high period of
SCL. While SCL is high, the transition on the SDA line is interpreted as a command (sees START and STOP
signals).
I
2C Protocol
Generally, a standard communication consists of four parts:
START signal generation
Slave address transfer
Data transfer
STOP signal generation
Figure 7 I
2C protocol
START Signal
When the bus is free/idle, that is no master device is engaging the bus (both SCL and SDA lines are high), a
master can initiate a transfer by sending a START signal. The START signal, usually referred as the S-bit, is
defined as a high-to-low transition of SDA while SCL is high. The START signal denotes the beginning of a new
data transfer.
Repeated START is a START signal without first generating a STOP signal. The master uses this method to
communicate with another slave or the same slave in a different transfer direction (e.g. from writing to a device to
reading from a device) without releasing the bus.
The core generates a START signal when the STA-bit in the Command Register is set and the RD or WR bits are
set. Depending on the current status of the SCL line, a START or Repeated START is generated.
Slave Address Transfer
The slave address is the first byte of data transferred by the master immediately after the START signal. This is a
seven-bits calling address followed by a RW bit. The RW bit signals the slave data transfer direction. The slave
address is unique; no two slaves in the system can have the same address. Only the slave with an address that
matches the address transmitted by the master will respond, it responds by returning an acknowledge bit which is
pulled by the SDA low at the 9th SCL clock cycle.
Note: The core supports 10bit slave addresses by generating two address transfers. See the Philips I
2C
specifications for more details.
The core treats a Slave Address Transfer as any other writ
e action. Store the slave device‟s address in the
Transmit Register and set the WR bit. The core will then transfer the slave address on the bus.
Data Transfer
Once achieved the successful slave addressing, the data transfer can proceed on a byte-by-byte basis in the
S
A7 A6 A5 A4 A3 A2 A1
ack D7 D6 D5 D4 D3 D2 D1 D0 nack P
R
W
9
7
6
5
4
3
2
1
8
9
7
6
5
4
3
2
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com