Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

LTH2 Marking, LT3465 Datasheet(PDF) 17 Page - Linear Technology

Part # LT3465
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3465 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3465 Datasheet HTML 13Page - Linear Technology LT3465 Datasheet HTML 14Page - Linear Technology LT3465 Datasheet HTML 15Page - Linear Technology LT3465 Datasheet HTML 16Page - Linear Technology LT3465 Datasheet HTML 17Page - Linear Technology LT3465 Datasheet HTML 18Page - Linear Technology LT3465 Datasheet HTML 19Page - Linear Technology LT3465 Datasheet HTML 20Page - Linear Technology LT3465 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT3498
17
3498f
APPLICATIONS INFORMATION— LED AND OLED DRIVER
Board Layout Considerations
As with all switching regulators, careful attention must be
paid to the PCB board layout and component placement.
To prevent electromagnetic interference (EMI) problems,
proper layout of high frequency switching paths is essential.
Minimize the length and area of all traces connected to
the switching node pins (SW1 and SW2). Keep the sense
voltage pins (CAP1 and LED1) away from the switching
node. The FB2 connection for the feedback resistor RFB2
should be tied directly from the VOUT2 pin to the FB2
pin and be kept as short as possible, ensuring a clean,
noise-free connection. Place COUT1 and COUT2 next to the
CAP1 and CAP2 pins respectively. Always use a ground
plane ender the switching regulator to minimize interplane
coupling. Recommended component placement is shown
in Figure 13.
Figure 13. Recommended Board Layout
3498 F13
FB2
VOUT2
VOUT2
C3
RFB2
RSENSE1
C2
VIN
CIN
L1
L2
CAP1
SW1
SW2
CAP2
C1
CTRL1
LED1
GND
CTRL2
GND
GND
8
7
10
9
11
12
5
6
4
2
3
1
VIAS TO GROUND PLANE REQUIRED TO
IMPROVE THERMAL PERFORMANCE
VIAS TO VOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com