| Electronic Components Datasheet Search |
|
LTH2 Marking, LT3465 Datasheet(PDF) 24 Page - Linear Technology |
|
||||||||||||||||||||||||||||||
LT3465 Datasheet(HTML) 24 Page - Linear Technology |
|
24 / 24 page ![]() LT3498 24 3498f Linear Technology Corporation 1630 McCarthy Blvd., Milpitas, CA 95035-7417 (408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com © LINEAR TECHNOLOGY CORPORATION 2007 LT 0507 • PRINTED IN USA RELATED PARTS TYPICAL APPLICATION PART NUMBER DESCRIPTION COMMENTS LT1932 Constant-Current, 1.2MHz, High Efficiency White LED Boost Regulator VIN: 1V to 10V; VOUT(MAX) = 34V; IQ = 1.2mA; ISD = <1µA; ThinSOT TM Package LT1937 Constant-Current, 1.2MHz, High Efficiency White LED Boost Regulator VIN: 2.5V to 10V; VOUT(MAX) = 34V; IQ = 1.9µA; ISD = <1µA; ThinSOT and SC70 Packages LT3463/ LT3463A Dual Output, Boost/Inverter, 250mA ISW, Constant Off-Time, High Efficiency Step-Up DC/DC Converter with Integrated Schottky Diodes VIN: 2.3V to 15V; VOUT(MAX) = ±40V; IQ = 40µA; ISD = <1µA; 3mm × 3mm DFN-10 Package LT3465/ LT3465A Constant-Current, 1.2/2.7MHz, High Efficiency White LED Boost Regulator with Integrated Schottky Diode VIN: 2.3V to 16V; VOUT(MAX) = 40V; IQ = 40µA; ISD = <1µA; 3mm × 3mm DFN-10 Package LT3466/ LT3466-1 Dual Constant-Current, 2MHz, High Efficiency White LED Boost Regulator with Integrated Schottky Diode VIN: 2.3V to 16V; VOUT(MAX) = 40V; IQ = 65µA; ISD = <1µA; 3mm × 2mm DFN-8 Package LT3471 Dual Output, Boost/Inverter, 1.3A ISW, 1.2MHZ, High Efficiency Boost-Inverting DC/DC Converter VIN: 2.4V to 16V; VOUT(MAX) = ±40V; IQ = 2.5µA; ISD = <1µA; 3mm × 3mm DFN-10 Package LT3473/ LT3473A 40V, 1A , 1.2MHz Micropower Low Noise Boost Converter with Output Disconnect VIN: 2.2V to 16V; VOUT(MAX) = 36V; IQ = 150µA; ISD = <1µA; 3mm × 3mm DFN-12 Package LT3491 Constant-Current, 2.3MHz, High Efficiency White LED Boost Regulator with Integrated Schottky Diode VIN: 2.5V to 12V; VOUT(MAX) = 27V; IQ = 12.6µA; ISD = <8µA; 2mm × 2mm DFN-6 and SC70 Packages LT3494/ LT3494A 40V, 180mA/350mA Micropower Low Noise Boost Converter with Output Disconnect VIN: 2.3V to 16V; VOUT(MAX) = 40V; IQ = 65µA; ISD = <1µA; 3mm × 2mm DFN-8 Package LT3497 Dual 2.3MHz, Full Function LED Driver with Integrated Schottky Diode and 250:1 True Color PWM TM Dimming VIN: 2.5V to 10V; VOUT(MAX) = 32V; IQ = 6mA; ISD = <12µA; 3mm × 2mm DFN-10 Package LT3591 Constant-Current, 1MHz, High Efficiency White LED Boost Regulator with Integrated Schottky Diode and 80:1 True Color PWM Dimming VIN: 2.5V to 12V; VOUT(MAX) = 40V; IQ = 4mA; ISD = <9µA; 3mm × 2mm DFN-8 Package ThinSot and True Color PWM are trademarks of Linear Technology Corporation Output Voltage Ripple vs Load Current VOUT RFB2 VALUE REQUIRED (MΩ) MAXIMUM OUTPUT CURRENT AT 3V INPUT (mA) 25 3.57 12.5 24 3.40 13.4 23 3.24 14.4 22 3.09 15.6 21 2.94 16.8 20 2.80 18.1 19 2.67 19.6 18 2.49 21.2 17 2.37 22.5 16 2.21 24.2 15 2.05 26 LOAD CURRENT (mA) 0.1 4 5 7 10 3 2 1 100 0 1 6 3498 TA06d |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |